Electronic Components Datasheet Search
  English  ▼

X  

AM79C970 Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 41Page - Advanced Micro Devices AM79C970 Datasheet HTML 42Page - Advanced Micro Devices AM79C970 Datasheet HTML 43Page - Advanced Micro Devices AM79C970 Datasheet HTML 44Page - Advanced Micro Devices AM79C970 Datasheet HTML 45Page - Advanced Micro Devices AM79C970 Datasheet HTML 46Page - Advanced Micro Devices AM79C970 Datasheet HTML 47Page - Advanced Micro Devices AM79C970 Datasheet HTML 48Page - Advanced Micro Devices AM79C970 Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 168 page
background image
AMD
P R E L I M I N A R Y
1-912
Am79C970
Slave Configuration Write
The Slave Configuration Write command is used by the
host CPU to write the configuration space in the PCnet-
PCI controller. This allows the host CPU to control basic
activity of the device, such as enable/disable, change
I/O location, etc. This is a single cycle, non-burst 8-bit,
16-bit, or 32-bit transfer.
18220C-23
FRAME
CLK
AD
IRDY
TRDY
C/
BE
123456
ADDR
DATA
1011
BE's
PAR
PAR
PAR
DEVSEL
IDSEL
STOP
Figure 21. Slave Configuration Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More