Electronic Components Datasheet Search
  English  ▼

X  

AM79C970 Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 71Page - Advanced Micro Devices AM79C970 Datasheet HTML 72Page - Advanced Micro Devices AM79C970 Datasheet HTML 73Page - Advanced Micro Devices AM79C970 Datasheet HTML 74Page - Advanced Micro Devices AM79C970 Datasheet HTML 75Page - Advanced Micro Devices AM79C970 Datasheet HTML 76Page - Advanced Micro Devices AM79C970 Datasheet HTML 77Page - Advanced Micro Devices AM79C970 Datasheet HTML 78Page - Advanced Micro Devices AM79C970 Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 168 page
background image
AMD
P R E L I M I N A R Y
1-942
Am79C970
back mode, data can be transmitted to and received
from the external network.
There are restrictions on loopback operation. The
PCnet-PCI controller has only one FCS generator cir-
cuit. The FCS generator can be used by the transmitter
to generate the FCS to append to the frame, or it can be
used by the receiver to verify the FCS of the received
frame. It can not be used by the receiver and transmitter
simultaneously.
If the FCS generator is connected to the receiver, the
transmitter will not append an FCS to the frame, but the
receiver will check for one. The user can, however, cal-
culate the FCS value for a frame and include this four-
byte number in the transmit buffer.
If the FCS generator is connected to the transmitter, the
transmitter will append an FCS to the frame, but the re-
ceiver will not check for the FCS. However, the user can
verify the FCS by software.
During loopback, the FCS logic can be allocated to the
receiver by setting DXMTFCS = 1 in CSR15.
If DXMTFCS=0, the MAC Engine will calculate and ap-
pend the FCS to the transmitted message. The receive
message passed to the host will therefore contain an ad-
ditional 4 bytes of FCS. In this loopback configuration,
the receive circuitry cannot detect FCS errors if
they occur.
If DXMTFCS=1, the last four bytes of the transmit mes-
sage must contain the (software generated) FCS com-
puted for the transmit data preceding it. The MAC
Engine will transmit the data without addition of an FCS
field, and the FCS will be calculated and verified at
the receiver.
The loopback facilities of the MAC Engine allow full op-
eration to be verified without disturbance to the network.
Loopback operation is also affected by the state of the
Loopback Control bits (LOOP, MENDECL, and INTL) in
CSR15. This affects whether the internal MENDEC is
considered
part
of
the
internal
or
external
loopback path.
The multicast address detection logic uses the FCS
generator circuit. Therefore, in the loopback mode(s),
the multicast address detection feature of the MAC En-
gine, programmed by the contents of the Logical Ad-
dress Filter (LADRF [63:0] in CSRs 8–11) can only be
tested when DXMTFCS=1, allocating the FCS genera-
tor to the receiver. All other features operate identically
in loopback as in normal operation, such as automatic
transmit padding and receive pad stripping.
When performing an internal loopback, no frame will be
transmitted to the network. However, when the PCnet-
PCI controller is configured for internal loopback the re-
ceiver will not be able to detect network traffic. External
loopback tests will transmit frames onto the network if
the AUI port is selected, and the PCnet-PCI controller
will receive network traffic while configured for external
loopback when the AUI port is selected. Runt Packet
Accept is automatically enabled when any loopback
mode is invoked.
Loopback mode can be performed with any frame size.
Runt Packet Accept is internally enabled (RPA bit in
CSR124 is not affected) when any loopback mode is in-
voked. This is to be backwards compatible to the
LANCE (Am7990) software.
When the 10BASE-T MAU is selected in external loop-
back mode, the collision detection is disabled. This is
necessary, because a collision in a 10BASE-T system is
defined as activity on the transmitter outputs and re-
ceiver inputs at the same time, which is exactly what oc-
curs during external loopback.
Since a 10BASE-T hub does not normally feed the sta-
tion’s transmitter outputs back into the station’s receiver
inputs, the use of external loopback in a 10BASE-T sys-
tem usually requires some sort of external hardware that
connects the outputs of the 10BASE-T MAU to
its inputs.
LED Support
The PCnet-PCI controller can support up to 3 LEDs.
LED outputs
LNKST and LED1 allow for direct connec-
tion of an LED and its supporting pullup device. LED out-
put
LED3 may require an additional buffer between the
PCnet-PCI controller output pin and the LED and its
supporting pullup device.
Because the
LED3 output is multiplexed with other
PCnet-PCI controller functions, it may not always be
possible to connect an LED circuit directly to the
LED3
pin. For example, when an LED circuit is directly con-
nected to the EEDO/
LED3 pin, then it is not possible for
most serial EEPROM devices to sink enough IOL to
maintain a valid low level on the EEDO input to the
PCnet-PCI controller. Therefore, in applications that re-
quire both an EEPROM and a third LED, then it is neces-
sary
to
buffer
the
LED3
circuit
from
the
EEPROM-PCnet-PCI connection. The LED registers in
the BCR resource space allow each LED output to be
programmed for either active high or active low opera-
tion, so that both inverting and non-inverting buffering
choices are possible.
In applications where an EEPROM is not needed, the
LED3 pin may be directly connected to an LED circuit.
The PCnet-PCI
LED3 pin driver will be able to sink
enough current to properly drive the LED circuit.
By default, after H_RESET, the 3 LED outputs are con-
figured in the following manner:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com