Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button ZSC31014 Datasheet HTML 24Page - Integrated Device Technology ZSC31014 Datasheet HTML 25Page - Integrated Device Technology ZSC31014 Datasheet HTML 26Page - Integrated Device Technology ZSC31014 Datasheet HTML 27Page - Integrated Device Technology ZSC31014 Datasheet HTML 28Page - Integrated Device Technology ZSC31014 Datasheet HTML 29Page - Integrated Device Technology ZSC31014 Datasheet HTML 30Page - Integrated Device Technology ZSC31014 Datasheet HTML 31Page - Integrated Device Technology ZSC31014 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
28
January 20, 2016
3.1.1. Update Mode
In Update Mode, the digital core will perform measurements and correction calculations at a selectable update
rate and update the I
2C™/SPI output register. The power-on measurement sequence for the Update Mode is
shown in Figure 3.2.
Figure 3.2
Power-Up Sequence and Timing for Update Mode with EEPROM Locked
§
If the part is programmed for the fastest update rate, conversions will continue to happen after the power-up
sequence. If the ZSC31014 is not in the fastest update rate, the part will power down after writing to the digital
output register. The duration of the power-down period is determined by the Update_Rate setting (bits [7:6] in
EEPROM word 01HEX; see section 3.6) and the digital core clock speed (see section 2.3.6). See Table 3.2 and
Table 3.3 for the update rates. After the power-down period has expired, the ZSC31014 will power up; take
another bridge reading followed by calculations; write to the digital output register; and power down. Temperature
and Auto-Zero (AZ) are slower moving quantities but must be updated periodically. When the part is configured in
Update Mode, these two quantities are measured periodically (referred to as special measurements).
As illustrated in Figure 3.3, valid data output to the digital register occurs after the measurement and the DSP
calculations are complete. At this point the master can fetch the data in I
2C™ or SPI with a Read_DF command.
Specifics of the Read_DF command are given in sections 3.2 and 3.3. After a valid output has been read by the
master, the status bits are set to “stale,” indicating that the measurement has not been updated since the last
Read_DF. This mode allows the application to simply read the digital output at any time and be assured the data
is no older than the selected update period. See Table 2.9 for more information on the status bits. The chip should
be polled at a frequency slower than 20% more of the update rate period listed in Table 3.2 and Table 3.3.
In I
2C™ Mode only, the INT/SS pin will assume the INT (interrupt) function. Instead of polling until a “valid”
response is received, the application can look for a rise on the INT pin. This will indicate that the measurement
and calculations are complete and new valid data is ready to be read on the I
2C™ interface.
§
When EEPROM is not locked, the command window is 4.5ms longer (= 6ms). All time values shown are typical; for the worst case values,
multiply by 1.15 (nominal frequency ±15%).
Command
Window
Temperature
Measurement
AutoZero (AZ)
Measurement
Bridge
Measurement
1.5ms
1.4ms
400
µs
Power applied to device.
Command window starts after
a short power-on-reset window.
DSP
Calculations
1
st corrected signal measurement
written to digital output register
(I
2C™ or SPI)
1.4ms
400
µs
1.4ms
400
µs
220
µs
60
µs
With 1MHz CLK
execution time
With 4MHz CLK
execution time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com