Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 52 Page - Integrated Device Technology

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014 Datasheet(HTML) 52 Page - Integrated Device Technology

Back Button ZSC31014 Datasheet HTML 48Page - Integrated Device Technology ZSC31014 Datasheet HTML 49Page - Integrated Device Technology ZSC31014 Datasheet HTML 50Page - Integrated Device Technology ZSC31014 Datasheet HTML 51Page - Integrated Device Technology ZSC31014 Datasheet HTML 52Page - Integrated Device Technology ZSC31014 Datasheet HTML 53Page - Integrated Device Technology ZSC31014 Datasheet HTML 54Page - Integrated Device Technology ZSC31014 Datasheet HTML 55Page - Integrated Device Technology ZSC31014 Datasheet HTML 56Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
52
January 20, 2016
Vsupply 5V
GND
0.1µF
OU
T/O
WI
VBP
VBN
VSS
VDD
SDA/MISO
SCL/SCLK
INT/SS
BSINK
ZSC31014
e.g. HIH4000
4.3. Half-Bridge Measurement
In this application, the ZSC31014 is being used as a
signal conditioner for a half-bridge signal from a
Honeywell HIH4000 humidity sensor. This application
shows the option of measuring a single voltage (1V to
3.8V) and using the internal temperature sensor for
temperature correction.
VBN is internally connected to a voltage divider as a
reference (VDD/2). In this case, the PreAmp_Mux bit in
B_Config must be 11 and the PreAmp_Gain must be
set to the lowest value (1.5), which means nulling
should be off.
For temperature correction, use the T_Config settings
that are pre-programmed in production test. (See the
T_Config defaults in Table 3.7.)
Figure 4.3
Half-Bridge Voltage Measurement with
Internal Temperature Correction
NOTE: The A2D_Offset and PreAmp_Gain terms in
T_Config are programmed during test to avoid satur-
ation of the internal temperature bridge. Do not change
these parameters (designated with † in Table 4.3).
Table 4.3
Register Settings—Example 3
Reserved
[15:13]
PreAmp_
Mux
[11:10]
PreAmp_
Gain[6:4]
A2D_Offset
[3:0]
B_Config 0FHEX
0
0
0
1
1
1
0
0
1
0
0
0
0
0
1
0
T_Config 10HEX
0
0
0
0
0
1
0
†
0
1
0
†
0
†
1
†
†
†
†
†
† Reserved setting – do not change factory settings. If factory trim settings have been lost, program T_Config to
149xHEX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com