Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button ZSC31014 Datasheet HTML 29Page - Integrated Device Technology ZSC31014 Datasheet HTML 30Page - Integrated Device Technology ZSC31014 Datasheet HTML 31Page - Integrated Device Technology ZSC31014 Datasheet HTML 32Page - Integrated Device Technology ZSC31014 Datasheet HTML 33Page - Integrated Device Technology ZSC31014 Datasheet HTML 34Page - Integrated Device Technology ZSC31014 Datasheet HTML 35Page - Integrated Device Technology ZSC31014 Datasheet HTML 36Page - Integrated Device Technology ZSC31014 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
33
January 20, 2016
3.2. ZSC31014 Read Operations with I
2C™
For read operations, the I
2C™ master command starts with the 7bit slave address with the 8th bit =1 (READ). The
ZSC31014 as the slave sends an acknowledge (ACK) indicating success. The ZSC31014 has four I
2C™ read
commands: Read_MR, Read_DF2, Read_DF3, and Read_DF4. Figure 3.6 shows the structure of the
measurement packet for three of the four I
2C™ read commands, which are explained in sections 3.2.1 and 3.2.2.
Figure 3.6
I
2C™ Measurement Packet Reads
A
4
3
2
1
0 R
S
6
5
15
6
11 10 9
8 A 7
14 13 12
5
N
4
3
2
1
0
S
Device Slave
Address [6:0]
Device Slave
Address [6:0]
Wait for
Slave ACK
S
S
5
Start Condition
Stop Condition
Device Slave Address
(example: Bit 5)
2
Data Bit
(example: Bit 2)
(1) I
2C Read_MR – Measurement Request:
Slave starts a measurement and DSP calculation cycle.
R
Read/Write Bit
(example: Read=1)
A
Acknowledge (ACK)
(2) I
2C Read_DF2 – Data Fetch 2 Bytes:
Slave returns only bridge data to the master in 2 bytes.
Status Bit
A
4
3
2
1
0 R
S
6
5
S
Wait for
Slave ACK
N
No Acknowledge
(NACK)
Bridge Data
[13:8]
Master
ACK
Bridge Data
[7:0]
Master
NACK
A
4
3
2
1
0 R
S
6
5
15
6
11 10 9
8 A 7
14 13 12
Device Slave
Address [6:0]
Wait for
Slave ACK
Bridge Data
[13:8]
Master
ACK
Bridge
Data
[7:0]
A
4
3
2
1
0 R
S
6
5
15
6
11 10 9
8 A 7
14 13 12
5
A
4
3
2
1
0
Device Slave
Address [6:0]
(3) I
2C Read_DF3 – Data Fetch 3 Bytes:
Slave returns 2 bridge data bytes & temperature high byte (T[10:3]) to master.
Wait for
Slave ACK
Bridge Data
[13:8]
Master
ACK
Bridge Data
[7:0]
Master
ACK
9
10
8
7
6
5
4
3
Temperature
Data [10:3]
A
1
0
Master
ACK
Master
ACK
9
10
8
A
7
6
5
4
3
1
2
0
x
x
x
x
x
Temperature
Data [10:3]
Temperature
Data [2:0]
Master
NACK
N S
Master
NACK
N S
(4) I
2C Read_DF4 – Data Fetch 4 Bytes:
Slave returns 2 bridge data bytes & 2 temperature bytes (T[10:3]) and (T[2:0]xxxxx) to master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com