Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button ZSC31014 Datasheet HTML 31Page - Integrated Device Technology ZSC31014 Datasheet HTML 32Page - Integrated Device Technology ZSC31014 Datasheet HTML 33Page - Integrated Device Technology ZSC31014 Datasheet HTML 34Page - Integrated Device Technology ZSC31014 Datasheet HTML 35Page - Integrated Device Technology ZSC31014 Datasheet HTML 36Page - Integrated Device Technology ZSC31014 Datasheet HTML 37Page - Integrated Device Technology ZSC31014 Datasheet HTML 38Page - Integrated Device Technology ZSC31014 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
35
January 20, 2016
3.3.2. SPI Read_DF (Data Fetch)
For simplifying explanations and illustrations, only falling edge SPI polarity will be discussed in the following
sections. The SPI interface will have data change after the falling edge of SCLK. The master should sample MISO
on the rise of SCLK. The entire output packet is 4 bytes (32 bits). The high bridge data byte comes first, followed
by the low bridge data byte. Then 11 bits of corrected temperature (T[10:0]) are sent: first the T[10:3] byte and
then the {T[2:0],xxxxx} byte. The last 5 bits of the final byte are undetermined and should be masked off in the
application. If the user only requires the corrected bridge value, the read can be terminated after the 2
nd byte. If
the corrected temperature is also required but only at an 8-bit resolution, the read can be terminated after the 3
rd
byte is read.
Figure 3.8
SPI Output Packet with Falling Edge SPI_Polarity
HiZ
S1
S0
B13
B12
B7
B6
B0
T10
T9
T1
T0
HiZ
…
…
…
…
…
…
SCLK
MISO
SS
Packet = [ {S(1:0),B(13:8)}, {B(7:0)}, {T(10:3)},{T(2:0),xxxxx}] Where
S(1:0) = Status bits of packet (normal, command, busy, diagnostic)
B(13:8) = Upper 6 bits of 14-bit bridge data.
B(7:0) = Lower 8 bits of 14-bit bridge data.
T(10:3) = Corrected temperature data (if application does not require corrected temperature, terminate read
early)
T(2:0),xxxxx =. Remaining bits of corrected temperature data for full 11-bit resolution
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com