Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 55 Page - Integrated Device Technology

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014 Datasheet(HTML) 55 Page - Integrated Device Technology

Back Button ZSC31014 Datasheet HTML 50Page - Integrated Device Technology ZSC31014 Datasheet HTML 51Page - Integrated Device Technology ZSC31014 Datasheet HTML 52Page - Integrated Device Technology ZSC31014 Datasheet HTML 53Page - Integrated Device Technology ZSC31014 Datasheet HTML 54Page - Integrated Device Technology ZSC31014 Datasheet HTML 55Page - Integrated Device Technology ZSC31014 Datasheet HTML 56Page - Integrated Device Technology ZSC31014 Datasheet HTML 57Page - Integrated Device Technology ZSC31014 Datasheet HTML 58Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
55
January 20, 2016
8 Reliability
A reliability investigation according to the in-house non-automotive standard has been performed.
9 Customization
For high-volume applications that require upgraded or downgraded functionality compared to the ZSC31014, IDT
can customize the circuit design by adding or removing certain functional blocks. For this customization, IDT has
a considerable library of sensor-dedicated circuitry blocks, which enable IDT to provide a custom solution quickly.
Please contact IDT for further information.
10
Ordering Codes
Sales Code
Description
Package
ZSC31014EAB
ZSC31014 Die — Temperature range: -40°C to +125°C
Unsawn on Wafer
ZSC31014EAC
ZSC31014 Die — Temperature range: -40°C to +125°C
Sawn on Wafer Frame
ZSC31014EAG1
ZSC31014 SOP8 (150 mil) — Temperature range: -40° to +125°C
Tube: add “-T” to sales code
Reel: add “-R”
ZSC31014EIB
ZSC31014 Die — Temperature range: -40° to +85°C
Unsawn on Wafer
ZSC31014EIC
ZSC31014 Die — Temperature range: -40° to +85°C
Sawn on Wafer Frame
ZSC31014EIG1
ZSC31014 SOP8 (150 mil) — Temperature range: -40° to +85°C
Tube: add “-T” to sales code
Reel: add “-R”
ZSC31014KIT
ZSC31014 SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement Board, USB
Cable, and 5 IC Samples
(software can downloaded on the ZSC31014 product page at http://www.IDT.com/ZSC31014)
Contact IDT Sales for support and sales of IDT’s ZSC31014 Mass Calibration System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com