Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 32 Page - Integrated Device Technology

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014 Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button ZSC31014 Datasheet HTML 28Page - Integrated Device Technology ZSC31014 Datasheet HTML 29Page - Integrated Device Technology ZSC31014 Datasheet HTML 30Page - Integrated Device Technology ZSC31014 Datasheet HTML 31Page - Integrated Device Technology ZSC31014 Datasheet HTML 32Page - Integrated Device Technology ZSC31014 Datasheet HTML 33Page - Integrated Device Technology ZSC31014 Datasheet HTML 34Page - Integrated Device Technology ZSC31014 Datasheet HTML 35Page - Integrated Device Technology ZSC31014 Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
32
January 20, 2016
Figure 3.4
Power-on Sequence in Sleep Mode for I
2C™ or SPI Read_MR (Typical Timing Values**)
Figure 3.5
Sequence during Sleep Mode Using an I
2C™ Write_MR to Wake Up (Typical Timing Values**)
** All time values shown are typical; for worst case values, multiply by 1.15 (nominal frequency ±15%).
Command
Window
Power Down
Meas
Temp
Meas
AZ
Meas
Bridge
DSP
Calcs
Power Down
Meas
Temp
Invalid values
Valid read occurs
Serial Interface
Activity
I
2C™/SPI
Read_MR
I
2C™/SPI
Read_DF
I
2C™/SPI
Read_DF
I
2C™/SPI
Read_MR
Read wakes ZSC31014
Read wakes ZSC31014
ZSC31014
Core Activity
Measurement time depends on clock
CLK = 4MHz (approx 1.26ms)
CLK=1MHz (approx 4.42ms)
Power
ON
Power
Down
Write new data to
digital output register
Valid read
occurs
Power Down
Special Meas.
Temp AZ Bridge
Power
Down
I
2C™
Write_MR
Meas
Bridge
DSP
Calcs
Write wakes ZSC31014
ZSC31014
Core Activity
Serial Interface
Activity
I
2C™
Read_DF
I
2C™
Read_DF
Measurement time depends on clock
CLK = 4MHz (approx 460µs)
CLK=1MHz (approx 1.62ms)
I
2C™
Read_DF
Read wakes ZSC31014
DSP
Calcs
Write new data to
digital output register
I
2C™
Read_DF
Power Down
Power
Down
DSP
Calcs
Stale values
Valid read
occurs
Write new data to
digital output register
I
2C™
Read_MR
Stale values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com