Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button ZSC31014 Datasheet HTML 32Page - Integrated Device Technology ZSC31014 Datasheet HTML 33Page - Integrated Device Technology ZSC31014 Datasheet HTML 34Page - Integrated Device Technology ZSC31014 Datasheet HTML 35Page - Integrated Device Technology ZSC31014 Datasheet HTML 36Page - Integrated Device Technology ZSC31014 Datasheet HTML 37Page - Integrated Device Technology ZSC31014 Datasheet HTML 38Page - Integrated Device Technology ZSC31014 Datasheet HTML 39Page - Integrated Device Technology ZSC31014 Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
36
January 20, 2016
3.4. I
2C™ Write Operations
For write operations, the I
2C™ master command starts with the 7-bit slave address with the 8th bit =0 (WRITE).
The ZSC31014 as the slave sends an acknowledge (ACK) indicating success. The ZSC31014 has two general
I
2C™ write command formats: I2C™ WRITE and I2C™ Write_MR. Figure 3.9 shows the structure of the write
packet for the two I
2C™ write commands, which are explained in sections 3.4.1 and 3.4.2.
Figure 3.9
I
2C™ Measurement Packet Writes
Device Slave
Address [6:0]
Wait for
Slave ACK
(2) I
2C Write_MR – Measurement Request:
Slave starts a bridge only measurement and DSP calculation cycle.
A
4 3 2 1 0 W
S 6 5
S
A
4 3 2 1 0 W
S 6 5
7
6
3 2 1 0 A 7
6 5 4
5
A
4 3 2 1 0
Device Slave
Address
(1) I
2C Write, Command Byte, and 2 Data Bytes.
Wait for
Slave ACK
Command
Byte
Data
Byte
6
7
5
A
4 3 2 1 0
S
Data
Byte
A
Acknowledge (ACK)
N
No Acknowledge
(NACK)
W
Read/Write Bit
(example: Write=0)
S
5
Start Condition
Device Slave Address
(example: Bit 5)
Wait for
Slave ACK
Wait for
Slave ACK
Wait for
Slave ACK
2
Data Bit
(example: Bit 2)
S
Stop Condition
4
Command Bit
(example: Bit 4)
3.4.1. I
2C™ Write_MR (Measurement Request)
Write_MR is a special I
2C™ write operation, which only includes the 7-bit slave address and the WRITE bit (0).
This command can only be sent in Sleep Mode (see section 3.1.2). It wakes up the part and starts a
measurement cycle for the bridge values only (no special measurement) and a DSP calculation based on former
AZ and Temperature values. After finishing the calculation with valid results written to the digital register, the
ZSC31014 powers down again and a Read_DF (see section 3.2.2) is required to read the valid values. See
Figure 3.9 for an illustration of Write_MR.
Note: The I
2C™ Write_MR function can also be accomplished using the I2C™ WRITE command with “don’t care”
data in Sleep Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com