Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 46 Page - Integrated Device Technology

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014 Datasheet(HTML) 46 Page - Integrated Device Technology

Back Button ZSC31014 Datasheet HTML 42Page - Integrated Device Technology ZSC31014 Datasheet HTML 43Page - Integrated Device Technology ZSC31014 Datasheet HTML 44Page - Integrated Device Technology ZSC31014 Datasheet HTML 45Page - Integrated Device Technology ZSC31014 Datasheet HTML 46Page - Integrated Device Technology ZSC31014 Datasheet HTML 47Page - Integrated Device Technology ZSC31014 Datasheet HTML 48Page - Integrated Device Technology ZSC31014 Datasheet HTML 49Page - Integrated Device Technology ZSC31014 Datasheet HTML 50Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
46
January 20, 2016
3.8.1. Bridge Signal Compensation
SOT_curve (bit 9 in EEPROM word 01HEX; see section 3.6) selects whether second-order equations compensate
for sensor nonlinearity with a parabolic or S-shaped curve.
The correction formula for the differential signal reading is represented as a two-step process depending on the
SOT_curve setting.
Note: The following equations are only meant to show the general form and capabilities of the ZSC31014 sensor
signal conditioning. Full details of the equations are not given.
Equations for the parabolic SOT_curve setting (SOT_curve = 0):
ZB =
Gain_B [1 +
∆T(SOT_tcg∗∆T + Tcg)]∗[BR_Raw + Offset_B – ADC_Offset+ ∆T(SOT_tco∗∆T + Tco)] + 2000
HEX
(4)
B
= ZB
∗(1+SOT_bridge ∗ZB)
(5)
Equations for the S-shaped SOT_curve setting (SOT_curve = 1):
ZB = Gain_B [1 +
∆T(SOT_tcg∗∆T + Tcg)]∗[BR_Raw + Offset_B – ADC_Offset + ∆T(SOT_tco∗∆T + Tco)]
(6)
B
= ZB
∗(1+SOT_bridge ∗|ZB|) + 2000
HEX
(7)
Where
B
=
Corrected bridge reading output via I
2C™ or SPI
ZB
=
Intermediate result in the calculations
BR_Raw
=
Raw bridge reading from ADC after AZ correction
Gain_B
=
Bridge gain term
Offset_B
=
Bridge offset term
Tcg
=
Temperature coefficient gain term
Tco
=
Temperature coefficient offset term
T_Raw
=
Raw temperature reading
TSETL
=
T_Raw reading at which low calibration was performed (typically 25°C)
∆T
=
(T_Raw - TSETL)
SOT_tcg
=
Second-order term for Tcg non-linearity
SOT_tco
=
Second-order term for Tco non-linearity
SOT_bridge =
Second-order term for bridge non-linearity
2000HEX
=
Converts result to the unsigned domain
ADC_Offset =
2
14
* ratio of the selected A2D_Offset (EEPROM word B_Config)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com