Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 57 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 57 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 53Page - Dallas Semiconductor DS2196 Datasheet HTML 54Page - Dallas Semiconductor DS2196 Datasheet HTML 55Page - Dallas Semiconductor DS2196 Datasheet HTML 56Page - Dallas Semiconductor DS2196 Datasheet HTML 57Page - Dallas Semiconductor DS2196 Datasheet HTML 58Page - Dallas Semiconductor DS2196 Datasheet HTML 59Page - Dallas Semiconductor DS2196 Datasheet HTML 60Page - Dallas Semiconductor DS2196 Datasheet HTML 61Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 157 page
background image
DS2196
57 of 157
Table 7-1: RECEIVE T1 LEVEL INDICATION
RL1
RL0
TYPICAL LEVEL RECEIVED
0
0
+2 dB to –7.5 dB
0
1
–7.5 dB to –15 dB
1
0
–15 dB to –22.5 dB
1
1
less than –22.5 dB
NOTE:
The RAIS-CI bit is qualified with the RBL status bit (SR1A.3 and SR1B.3). Hence the RAIS-CI status
bit will not be set unless the RBL status bit is set. If the RBL bit is set and the RAIS-CI bit has
transitioned from a 1 to a 0 (i.e., it has cleared), it is recommended that the software wait at lest 1.5
seconds and then read the RAIS-CI bit again to make sure that the alarm has indeed cleared.
SR1A: STATUS REGISTER 1 FRAMER A (Address = 20 Hex)
(MSB)
(LSB)
LUP
LDN
LOTC
LSPARE
RBL
RYEL
FRCL
RLOS
SYMBOL
POSITION
NAME AND DESCRIPTION
LUP
SR1A.7
Loop Up Code Detected. Set when the loop up code as
defined in the RUPCD register is being received. See Section
12 for details.
LDN
SR1A.6
Loop Down Code Detected. Set when the loop down code as
defined in the RDNCD register is being received. See Section
12 for details.
LOTC
SR1A.5
Loss of Transmit Clock. Set when the TCLKA pin has not
transitioned for one channel time (or 5.2
ms). Will force the
RLOSA/LOTCA pin high if enabled via CCR1A.6. Also will
force transmit side formatter to switch to MCLK if so enabled
via TCR1A.7.
LSPARE
SR1A.4
Spare Code Detected. Set when the spare code as defined in
the RSPARE register is being received. See Section 12 for
details.
RBL
SR1A.3
Receive Blue Alarm. Set when an unframed all 1’s code is
received at RPOSIA and RNEGIA.
RYEL
SR1A.2
Receive Yellow Alarm. Set when a yellow alarm is received
at RPOSIA and RNEGIA.
FRCL
SR1A.1
Framer Receive Carrier Loss. Set when a red alarm is
received at RPOSIA and RNEGIA.
RLOS
SR1A.0
Receive Loss of Sync. Set when the device is not
synchronized to the receive T1 stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com