Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 22Page - Dallas Semiconductor DS2196 Datasheet HTML 23Page - Dallas Semiconductor DS2196 Datasheet HTML 24Page - Dallas Semiconductor DS2196 Datasheet HTML 25Page - Dallas Semiconductor DS2196 Datasheet HTML 26Page - Dallas Semiconductor DS2196 Datasheet HTML 27Page - Dallas Semiconductor DS2196 Datasheet HTML 28Page - Dallas Semiconductor DS2196 Datasheet HTML 29Page - Dallas Semiconductor DS2196 Datasheet HTML 30Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 157 page
background image
DS2196
26 of 157
ADDRESS
R/W
REGISTER NAME
REGISTER
ABBREVIATION
E9
R
Receive Signaling 10 from Framer B
RS10B
EA
R
Receive Signaling 11 from Framer B
RS11B
EB
R
Receive Signaling 12 from Framer B
RS12B
EC
R/W
Receive Channel Blocking 1 for Framer B
RCBR1B
ED
R/W
Receive Channel Blocking 2 for Framer B
RCBR2B
EE
R/W
Receive Channel Blocking 3 for Framer B
RCBR3B
EF
R/W
Interrupt Mask 2 for Framer B
IMR2B
F0
R/W
Transmit Signaling 1 for Formatter B
TS1B
F1
R/W
Transmit Signaling 2 for Formatter B
TS2B
F2
R/W
Transmit Signaling 3 for Formatter B
TS3B
F3
R/W
Transmit Signaling 4 for Formatter B
TS4B
F4
R/W
Transmit Signaling 5 for Formatter B
TS5B
F5
R/W
Transmit Signaling 6 for Formatter B
TS6B
F6
R/W
Transmit Signaling 7 for Formatter B
TS7B
F7
R/W
Transmit Signaling 8 for Formatter B
TS8B
F8
R/W
Transmit Signaling 9 for Formatter B
TS9B
F9
R/W
Transmit Signaling 10 for Formatter B
TS10B
FA
R/W
Transmit Signaling 11 for Formatter B
TS11B
FB
R/W
Transmit Signaling 12 for Formatter B
TS12B
FC
—
Reserved (Set to 00h on power-up)
—
FD
R/W
Test 1 for Framer B (Set to 00h on power-up)
—
FE
R/W
Transmit FDL Register for Framer B
TFDLB
FF
R/W
Interrupt Mask Register 1 for Framer B
IMR1B
Note: Framer A and B Test and Reserved registers are used only by the factory; these registers must be cleared (set to all 0’s) on power-up
initialization to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com