| Electronic Components Datasheet Search |
|
DS2196 Datasheet(PDF) 50 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 Datasheet(HTML) 50 Page - Dallas Semiconductor |
|
50 / 157 page ![]() DS2196 50 of 157 CCR7B: COMMON CONTROL REGISTER 7 FRAMER B (Address = AA Hex) (MSB) (LSB) – BELB AIS13-24 AIS1-12 UOP3 UOP2 UOP1 UOP0 SYMBOL POSITION NAME AND DESCRIPTION – CCR7B.7 Not Assigned. Should be set to 0 when written to. BELB CCR7B.6 Back End Loopback. 0 = loopback disabled 1 = loopback enabled AIS13-24 CCR7B.5 Channels 13 – 24 AIS Enable 0 = do not transmit AIS in channels 13 – 24 1 = transmit AIS in channels 13 - 24 AIS1-12 CCR7B.4 Channels 1 – 12 AIS Enable 0 = do not transmit AIS in channels 1 – 12 1 = transmit AIS in channels 1 - 12 UOP3 CCR7B.3 User Defined Output Pin 3. 0 = logic 0 level at pin 1 = logic 1 level at pin UOP2 CCR7B.2 User Defined Output Pin 2. 0 = logic 0 level at pin 1 = logic 1 level at pin UOP1 CCR7B.1 User Defined Output Pin 1. 0 = logic 0 level at pin 1 = logic 1 level at pin UOP0 CCR7B.0 User Defined Output Pin 0. 0 = logic 0 level at pin 1 = logic 1 level at pin Remote Loopback When CCR7A.6 is set to a 1, the 2196 will be forced into Remote Loopback (RLB). In this loopback, data input via the RPOSI and RNEGI pins will be transmitted back to the TPOSO and TNEGO pins. Data will continue to pass through the receive side of Framer A as it would normally and the data from the transmit side of Formatter A will be ignored. Please see Figure 1–1 for more details. Back End Loopback When CCR7B.6 is set to a 1, the 2196 will be forced into Back End Loopback (BELB). In this loopback, data input via the RPOSIB and RNEGIB pins will be transmitted back to the TPOSOB and TNEGOB pins. Data will continue to pass through the receive side of Framer B as it would normally and the data from the transmit side of Formatter B will be ignored. Please see Figure 1–1 for more details. Power–Up Sequence On power–up, after the supplies are stable, the DS2196 should be configured for operation by writing to all of the internal registers (this includes setting the Test Registers to 00Hex) since the contents of the internal registers cannot be predicted on power–up. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |