Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 65 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 65 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 61Page - Dallas Semiconductor DS2196 Datasheet HTML 62Page - Dallas Semiconductor DS2196 Datasheet HTML 63Page - Dallas Semiconductor DS2196 Datasheet HTML 64Page - Dallas Semiconductor DS2196 Datasheet HTML 65Page - Dallas Semiconductor DS2196 Datasheet HTML 66Page - Dallas Semiconductor DS2196 Datasheet HTML 67Page - Dallas Semiconductor DS2196 Datasheet HTML 68Page - Dallas Semiconductor DS2196 Datasheet HTML 69Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 157 page
background image
DS2196
65 of 157
Line Code Violation Count Register (LCVCR)
Line Code Violation Count Register 1 (LCVCR1) is the most significant word and LCVCR2 is the least
significant word of a 16–bit counter that records code violations (CVs). CVs are defined as Bipolar
Violations (BPVs) or excessive zeros. See Table 8-1 for details of exactly what the LCVCRs count. If
the B8ZS mode is set for the receive side via CCR2.2, then B8ZS code words are not counted. This
counter is always enabled; it is not disabled during receive loss of synchronization (RLOS=1) conditions.
LCVCR1A: LINE CODE VIOLATION COUNT REGISTER 1 FRAMER A
(Address = 23 Hex)
LCVCR2A: LINE CODE VIOLATION COUNT REGISTER 2 FRAMER A
(Address = 24 Hex)
LCVCR1B: LINE CODE VIOLATION COUNT REGISTER 1 FRAMER B
(Address = C3 Hex)
LCVCR2B: LINE CODE VIOLATION COUNT REGISTER 2 FRAMER B
(Address = C4 Hex)
(MSB)
(LSB)
LCV15
LCV14
LCV13
LCV12
LCV11
LCV10
LCV9
LCV8
LCVCR1
LCV7
LCV6
LCV5
LCV4
LCV3
LCV2
LCV1
LCV0
LCVCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
LCV15
LCVCR1.7
MSB of the 16–bit code violation count
LCV0
LCVCR2.0
LSB of the 16–bit code violation count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com