Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 67 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 67 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 63Page - Dallas Semiconductor DS2196 Datasheet HTML 64Page - Dallas Semiconductor DS2196 Datasheet HTML 65Page - Dallas Semiconductor DS2196 Datasheet HTML 66Page - Dallas Semiconductor DS2196 Datasheet HTML 67Page - Dallas Semiconductor DS2196 Datasheet HTML 68Page - Dallas Semiconductor DS2196 Datasheet HTML 69Page - Dallas Semiconductor DS2196 Datasheet HTML 70Page - Dallas Semiconductor DS2196 Datasheet HTML 71Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 157 page
background image
DS2196
67 of 157
Table 8-2: PATH CODE VIOLATION COUNTING ARRANGEMENTS
FRAMING MODE
(CCR2.3)
COUNT Fs ERRORS?
(RCR2.1)
WHAT IS COUNTED
IN THE PCVCRs
D4
no
errors in the Ft pattern
D4
yes
errors in both the Ft & Fs patterns
ESF
don’t care
errors in the CRC6 code words
MULTIFRAMES OUT OF SYNC COUNT REGISTER (MOSCR)
Normally the MOSCR is used to count the number of multiframes that the receive synchronizer is out of
sync (RCR2.0=1). This number is useful in ESF applications needing to measure the parameters Loss Of
Frame Count (LOFC) and ESF Error Events as described in AT&T publication TR54016. When the
MOSCR is operated in this mode, it is not disabled during receive loss of synchronization (RLOS=1)
conditions. The MOSCR has alternate operating mode whereby it will count either errors in the Ft
framing pattern (in the D4 mode) or errors in the FPS framing pattern (in the ESF mode). When the
MOSCR is operated in this mode, it is disabled during receive loss of synchronization (RLOS = 1)
conditions. See Table 8-3 for a detailed description of what the MOSCR is capable of counting.
MOSCR1A: MULTIFRAMES OUT OF SYNC COUNT REGISTER 1 FRAMER A
(Address = 25 Hex)
MOSCR2A: MULTIFRAMES OUT OF SYNC COUNT REGISTER 2 FRAMER A
(Address = 27 Hex)
MOSCR1B: MULTIFRAMES OUT OF SYNC COUNT REGISTER 1 FRAMER B
(Address = C5 Hex)
MOSCR2B: MULTIFRAMES OUT OF SYNC COUNT REGISTER 2 FRAMER B
(Address = C7 Hex)
(MSB)
(LSB)
MOS/
FB11
MOS/
FB10
MOS/
FB9
MOS/
FB8
(note 1)
(note 1)
(note 1)
(note 1)
MOSCR1
MOS/
FB7
MOS/
FB6
MOS/
FB5
MOS/
FB4
MOS/
FB3
MOS/
FB2
MOS/
FB1
MOS/
FB0
MOSCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
MOS/FB11
MOSCR1.7
MSB of the 12–Bit Multiframes Out of Sync or F–Bit Error
Count (note #2)
MOS/FB0
MOSCR2.0
LSB of the 12–Bit Multiframes Out of Sync or F–Bit Error
Count (note #2)
NOTES:
1. The lower nibble of the counter at address 25 is used by the Path Code Violation Count Register
2. MOSCR counts either errors in framing bit position (RCR2.0=0) or the number of multiframes out of
sync (RCR2.0=1)
Table 8-3: MULTIFRAMES OUT OF SYNC COUNTING ARRANGEMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com