Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 66 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 66 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 62Page - Dallas Semiconductor DS2196 Datasheet HTML 63Page - Dallas Semiconductor DS2196 Datasheet HTML 64Page - Dallas Semiconductor DS2196 Datasheet HTML 65Page - Dallas Semiconductor DS2196 Datasheet HTML 66Page - Dallas Semiconductor DS2196 Datasheet HTML 67Page - Dallas Semiconductor DS2196 Datasheet HTML 68Page - Dallas Semiconductor DS2196 Datasheet HTML 69Page - Dallas Semiconductor DS2196 Datasheet HTML 70Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 157 page
background image
DS2196
66 of 157
Table 8-1: LINE CODE VIOLATION COUNTING ARRANGEMENTS
COUNT EXCESSIVE
ZEROS
(RCR1.7)
B8ZS ENABLED
(CCR2.2)
WHAT IS COUNTED
IN THE LCVCRs
no
no
BPVs
yes
no
BPVs + 16 consecutive
zeros
no
yes
BPVs (B8ZS code words
not counted)
yes
yes
BPV’s + 8 consecutive
zeros
Path Code Violation Count Register (PCVCR) When the receive side of a framer is set to operate in the
ESF framing mode (CCR2.3=1), PCVCR will automatically be set as a 12–bit counter that will record
errors in the CRC6 code words. When set to operate in the D4 framing mode (CCR2.3=0), PCVCR will
automatically count errors in the Ft framing bit position. Via the RCR2.1 bit, a framer can be
programmed to also report errors in the Fs framing bit position. The PCVCR will be disabled during
receive loss of synchronization (RLOS=1) conditions. See Table 8-2 for a detailed description of exactly
what errors the PCVCR counts.
PCVCR1A: PATH VIOLATION COUNT REGISTER 1 FRAMER A (Address = 25 Hex)
PCVCR2A: PATH VIOLATION COUNT REGISTER 2 FRAMER A (Address = 26 Hex)
PCVCR1B: PATH VIOLATION COUNT REGISTER 1 FRAMER B (Address = C5 Hex)
PCVCR2B: PATH VIOLATION COUNT REGISTER 2 FRAMER B (Address = C6 Hex)
(MSB)
(LSB)
(note 1)
(note 1)
(note 1)
(note 1)
CRC/
FB11
CRC/
FB10
CRC/
FB9
CRC/
FB8
PCVCR1
CRC/
FB7
CRC/
FB6
CRC/
FB5
CRC/
FB4
CRC/
FB3
CRC/
FB2
CRC/
FB1
CRC/
FB0
PCVCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
CRC/FB11
PCVCR1.3
MSB of the 12–Bit CRC6 Error or Frame Bit Error Count
(note #2)
CRC/FB0
PCVCR2.0
LSB of the 12–Bit CRC6 Error or Frame Bit Error Count
(note #2)
NOTES:
1. The upper nibble of the counter at address 25 is used by the Multiframes Out of Sync Count Register
2. PCVCR counts either errors in CRC code words (in the ESF framing mode; CCR2.3=1) or errors in
the framing bit position (in the D4 framing mode; CCR2.3=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com