Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 68 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 68 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 64Page - Dallas Semiconductor DS2196 Datasheet HTML 65Page - Dallas Semiconductor DS2196 Datasheet HTML 66Page - Dallas Semiconductor DS2196 Datasheet HTML 67Page - Dallas Semiconductor DS2196 Datasheet HTML 68Page - Dallas Semiconductor DS2196 Datasheet HTML 69Page - Dallas Semiconductor DS2196 Datasheet HTML 70Page - Dallas Semiconductor DS2196 Datasheet HTML 71Page - Dallas Semiconductor DS2196 Datasheet HTML 72Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 157 page
background image
DS2196
68 of 157
FRAMING MODE
(CCR2.3)
COUNT MOS OR F–BIT
ERRORS
(RCR2.0)
WHAT IS COUNTED
IN THE MOSCRs
D4
MOS
number of multiframes out of sync
D4
F–Bit
errors in the Ft pattern
ESF
MOS
number of multiframes out of sync
ESF
F–Bit
errors in the FPS pattern
9. SIGNALING OPERATION
The robbed–bit signaling bits embedded in the T1 stream can be extracted from the receive stream and
inserted into the transmit stream by each framer. There is a set of 12 registers for the receive side (RS1 to
RS12) and 12 registers on the transmit side (TS1 to TS12). The signaling registers are detailed below.
The CCR1.5 bit is used to control the robbed signaling bits as they appear at RSER. If CCR1.5 is set to
0, then the robbed signaling bits will appear at the RSER pin in their proper position as they are received.
If CCR1.5 is set to a 1, then the robbed signaling bit positions will be forced to a 1 at RSER.
RS1A TO RS12A: RECEIVE SIGNALING REGISTERS FRAMER A
(Address = 60 to 6B Hex)
RS1B TO RS12B: RECEIVE SIGNALING REGISTERS FRAMER B
(Address = E0 to EB Hex)
(MSB)
(LSB)
A(8)
A(7)
A(6)
A(5)
A(4)
A(3)
A(2)
A(1)
RS1
A(16)
A(15)
A(14)
A(13)
A(12)
A(11)
A(10)
A(9)
RS2
A(24)
A(23)
A(22)
A(21)
A(20)
A(19)
A(18)
A(17)
RS3
B(8)
B(7)
B(6)
B(5)
B(4)
B(3)
B(2)
B(1)
RS4
B(16)
B(15)
B(14)
B(13)
B(12)
B(11)
B(10)
B(9)
RS5
B(24)
B(23)
B(22)
B(21)
B(20)
B(19)
B(18)
B(17)
RS6
A/C(8)
A/C(7)
A/C(6)
A/C(5)
A/C(4)
A/C(3)
A/C(2)
A/C(1)
RS7
A/C(16)
A/C(15)
A/C(14)
A/C(13)
A/C(12)
A/C(11)
A/C(10)
A/C(9)
RS8
A/C(24)
A/C(23)
A/C(22)
A/C(21)
A/C(20)
A/C(19)
A/C(18)
A/C(17)
RS9
B/D(8)
B/D(7)
B/D(6)
B/D(5)
B/D(4)
B/D(3)
B/D(2)
B/D(1)
RS10
B/D(16)
B/D(15)
B/D(14)
B/D(13)
B/D(12)
B/D(11)
B/D(10)
B/D(9)
RS11
B/D(24)
B/D(23)
B/D(22)
B/D(21)
B/D(20)
B/D(19)
B/D(18)
B/D(17)
RS12
SYMBOL
POSITION
NAME AND DESCRIPTION
D(24)
RS12.7
Signaling Bit D in Channel 24
A(1)
RS1.0
Signaling Bit A in Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com