| Electronic Components Datasheet Search |
|
DS2196 Datasheet(PDF) 15 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 Datasheet(HTML) 15 Page - Dallas Semiconductor |
|
15 / 157 page ![]() DS2196 15 of 157 Signal Name: RLOSA/B / LOTCA/B Signal Description: Receive Loss of Sync / Loss of Transmit Clock Signal Type: Output A dual function output that is controlled by the CCR3.5 control bit. This pin can be programmed to either toggle high when the synchronizer is searching for the frame and multiframe or to toggle high if the TCLK pin has not been toggled for 5 msec. Signal Name: RBPVA/B Signal Description: Receive BPV Signal Type: Output This pin will toggle high for one RCLKA or RCLKB clock cycle for each bipolar Violation (BPV) detected by the framer. Signal Name: RPOSIA/B Signal Description: Receive Positive Data Input Signal Type: Input Sampled on the falling edge of RCLKIA and either rising or falling edge of RCLKIB for data to be clocked through the receive side framer. RPOSIA /B and RNEGIA/B can be tied together for a NRZ interface. RPOSIA be internally connected to RPOSLO via the CCR4A.2 control bit. Signal Name: RNEGIA/B Signal Description: Receive Negative Data Input Signal Type: Input Sampled on the falling edge of RCLKI for data to be clocked through the receive side framer. RPOSIA/B and RNEGIA/B can be tied together for a NRZ interface. RNEGIA be internally connected to RNEGLO via the CCR4A.2 control bit. Signal Name: RCLKIA/B Signal Description: Receive Clock Input Signal Type: Input Signal used to clock data through the receive side framers. RCLKIA can be internally connected to RCLKLO via the CCR4A.2 control bit. User Port Pins Signal Name: UOP0/1/2/3 Signal Description: User Output Port Signal Type: Output These output port pins can be set low or high via the CCR7B.0 to CCR7B.3 control bits. The pins are forced low on power-up. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |