Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 99 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 99 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 95Page - Dallas Semiconductor DS2196 Datasheet HTML 96Page - Dallas Semiconductor DS2196 Datasheet HTML 97Page - Dallas Semiconductor DS2196 Datasheet HTML 98Page - Dallas Semiconductor DS2196 Datasheet HTML 99Page - Dallas Semiconductor DS2196 Datasheet HTML 100Page - Dallas Semiconductor DS2196 Datasheet HTML 101Page - Dallas Semiconductor DS2196 Datasheet HTML 102Page - Dallas Semiconductor DS2196 Datasheet HTML 103Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 157 page
background image
DS2196
99 of 157
Table 16-2: Error Insertion examples
Value
Write
Read
000h
do not create any
errors
no errors left to be
inserted
001h
create a single error
1 error left to be inserted
002h
create 2 errors
2 errors left to
be
inserted
3FFh
create 1023 errors
1023 errors left to be
inserted
NOEL1A: NUMBER of ERRORS LEFT 1 FRAMER A (Address = 83 Hex)
NOEL1B: NUMBER of ERRORS LEFT 1 FRAMER B (Address = 88 Hex)
NOEL2A: NUMBER of ERRORS LEFT 2 FRAMER A (Address = 84 Hex)
NOEL2B: NUMBER of ERRORS LEFT 2 FRAMER B (Address = 89 Hex)
(MSB)
(LSB)
C7
C6
C5
C4
C3
C2
C1
C0
NOEL1
––––––
C9
C8
NOEL2
SYMBOL
POSITION
NAME AND DESCRIPTION
C9
NOEL2.1
MSB of the 10–bit Number of Errors Left Counter
C0
NOEL1.0
LSB of the 10–bit Number of Errors Left Counter
Number Of Errors Left Registers. The Host can read the NOEL registers at any time (to determine
how many errors are left to be inserted) by toggling the RNOE bit in the Error Rate Control registers
(ERCA and ERCB) from a 0 to a 1. After the RNOE bit is toggled, the Host may read the NOEL
registers after waiting at least 972 ns (1.5 clock periods).
17.
HDLC CONTROLLER
The DS2196 has an enhanced HDLC controller configurable for use with the Facilities Data Link or
DS0s. There are 64 byte buffers in both the transmit and receive paths. The user can select any DS0 or
multiple DS0s as well as any specific bits within the DS0(s) to pass through the HDLC controller. See
Figure 21-7 for details on formatting the transmit side. Note that TBOC.6 = 1 and TDC1.7 = 1 cannot
exist without corrupting the data in the FDL. For use with the FDL, see section 18. See Table 17-1 for
configuring the transmit HDLC controller.
Table 17-1: TRANSMIT HDLC CONFIGURATION
Function
TBOC.6
TDC1.7
TCR1.2
DS0(s)
0
1
1 or 0
FDL
101
Disable
0
0
1 or 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com