Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 91 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 91 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 87Page - Dallas Semiconductor DS2196 Datasheet HTML 88Page - Dallas Semiconductor DS2196 Datasheet HTML 89Page - Dallas Semiconductor DS2196 Datasheet HTML 90Page - Dallas Semiconductor DS2196 Datasheet HTML 91Page - Dallas Semiconductor DS2196 Datasheet HTML 92Page - Dallas Semiconductor DS2196 Datasheet HTML 93Page - Dallas Semiconductor DS2196 Datasheet HTML 94Page - Dallas Semiconductor DS2196 Datasheet HTML 95Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 157 page
background image
DS2196
91 of 157
BC2: BERT Control Register 2 (Address = 42 Hex)
(MSB)
(LSB)
EIB2
EIB1
EIB0
SBE
–
–
–
TC
SYMBOL
POSITION
NAME AND DESCRIPTION
EIB2
BC2.7
Error Insert Bit 2. Will automatically insert bit errors at the
prescribed rate into the generated data pattern. Useful for
verifying error detection operation. Refer to Table 15-3 for
details.
EIB1
BC2.6
Error Insert Bit 1. Refer to Table 15-3 for details.
EIB0
BC2.5
Error Insert Bit 0. Refer to Table 15-3 for details.
SBE
BC2.4
Single Bit Error Insert. A low to high transition will create a
single bit error. Must be cleared and set again for a subsequent
bit error to be inserted.
–
BC2.3
Not Assigned. Should be set to 0 when written.
–
BC2.2
Not Assigned. Should be set to 0 when written.
–
BC2.1
Not Assigned. Should be set to 0 when written.
TC
BC2.0
Transmit Pattern Load. A low to high transition loads the
pattern generator with the pattern that is to be generated. This
bit should be toggled from low to high whenever the host
wishes to load a new pattern. Must be cleared and set again for
a subsequent loads.
Table 15-3: BERT RATE INSERTION SELECT
EIB2
EIB1
EIB0
Error Rate Inserted
0
0
0
No errors automatically inserted
001
10E-1
010
10E-2
011
10E-3
100
10E-4
101
10E-5
110
10E-6
111
10E-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com