Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF86
Description  Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF86 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 30Page - Texas Instruments DAC38RF86 Datasheet HTML 31Page - Texas Instruments DAC38RF86 Datasheet HTML 32Page - Texas Instruments DAC38RF86 Datasheet HTML 33Page - Texas Instruments DAC38RF86 Datasheet HTML 34Page - Texas Instruments DAC38RF86 Datasheet HTML 35Page - Texas Instruments DAC38RF86 Datasheet HTML 36Page - Texas Instruments DAC38RF86 Datasheet HTML 37Page - Texas Instruments DAC38RF86 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 141 page
background image
34
DAC38RF86, DAC38RF87
DAC38RF97, DAC38RF96
SLASEF4 – FEBRUARY 2017
www.ti.com
Product Folder Links: DAC38RF86 DAC38RF87 DAC38RF97 DAC38RF96
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.7 SYNC Interface
The DAC38RFxx JESD204B interface has two differential SYNC outputs called SYNC0 and SYNC1 to support
one or two links. Alternatively, GPO0 and GPO1 can be used to output SYNC as a single-ended CMOS level.
Each of the differential or CMOS outputs is enabled by a 2-bit register (fields GPO0_SEL, GPO1_SEL,
SYNC0B_SEL, SYNC1B_SEL in register IO_CONFIG 8.5.2), with bit 0 enabling multi-DUC1 SYNC and bit 1
enabling multi-DUC2 SYNC. If both are enabled, the SYNC\ signals are OR’ed.
The SYNC signal can be asserted low by the receiver either to make a synchronization request to
initialize/reinitialize the link or to report an error to the transmitter. Synchronization requests must have a
minimum duration of five frames plus nine octets rounded up to the nearest whole number of frames. To report
an error, the SYNC signal is asserted for exactly two frames. The transmitter interprets any negative edge of its
SYNC input as an error and any SYNC assertion lasting four frames or longer as a synchronization request. See
the following sections in the standard for more details.
•
7.6.3 Errors requiring re-initialization
•
7.6.4 Error reporting via SYNC interface
•
8.4 SYNC signal decoding
8.3.8 Single or Dual Link Configuration
The DAC38RFxx JESD204B interface can be configures with one or two links. The advantage of using two links,
one for each DAC, is that one link can be re-established without affecting the other link and DAC.
The configuration for each mode of operation are:
1. Dual DAC, dual link
(a) Program
fields
OCTETPATH0_SEL
to
OCTETPATH7_SEL
in
multi-DUC
paged
registers
JESD_CROSSBAR1 (8.5.57) and JESD_CROSSBAR2 (8.5.58) so that each multi-DUC will pick data off
of the appropriate SERDES lane.
(b) Appropriate bits in field LANE_ENA in multi-DUC paged register JESD_LN_EN (8.5.45) must be set for
each multi-DUC enable the lanes used.
(c) Field ONE_DAC_ONLY in register RESET_CONFIG (8.5.1) should be ‘0’ (default).
2. Dual DAC, single link
(a) Program OCTETPATH0_SEL to OCTETPATH7_SEL in multi-DUC paged registers JESD_CROSSBAR1
(8.5.57) and JESD_CROSSBAR2 (8.5.58) so that each multi-DUC will pick data off the appropriate
SERDES lane.
(b) Appropriate bits in field LANE_ENA in multi-DUC paged register JESD_LN_EN (8.5.45) must be set for
each multi-DUC enable the lanes used.
(c) Set field ONE_LINK_ONLY to ‘1’ to configure TXENABLE output.
3. Single DAC, single link
(a) Set Field ONE_DAC_ONLY in register RESET_CONFIG (8.5.1) to ‘1’ to gate clocks to unused multi-
DUC2 for power savings.
(b) ONE_LINK_ONLY bit does not matter in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com