Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF86
Description  Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF86 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 10Page - Texas Instruments DAC38RF86 Datasheet HTML 11Page - Texas Instruments DAC38RF86 Datasheet HTML 12Page - Texas Instruments DAC38RF86 Datasheet HTML 13Page - Texas Instruments DAC38RF86 Datasheet HTML 14Page - Texas Instruments DAC38RF86 Datasheet HTML 15Page - Texas Instruments DAC38RF86 Datasheet HTML 16Page - Texas Instruments DAC38RF86 Datasheet HTML 17Page - Texas Instruments DAC38RF86 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 141 page
background image
14
DAC38RF86, DAC38RF87
DAC38RF97, DAC38RF96
SLASEF4 – FEBRUARY 2017
www.ti.com
Product Folder Links: DAC38RF86 DAC38RF87 DAC38RF97 DAC38RF96
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.7 Electrical Characteristics - AC Specifications
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, external differential clock mode at 9
GSPS, 12x Interpolation, fOUT = 2.14 GHz, I(OUTFS) = 40 mA, nominal supplies, LMFSHd = 84111, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
fDAC
Maximum DAC sample rate
9
GSPS
AC PERFORMANCE - CW
SFDR
Spurious Free Dynamic Range 0 –
fDAC/2
fCLK = 6 GHz , fOUT = 501 MHz
70
dBc
fCLK = 6 GHz , fOUT = 951 MHz
67
fCLK = 6 GHz , fOUT = 1851 MHz
59
fCLK = 6 GHz , fOUT = 2651 MHz
57
fCLK = 9 GHz , fOUT = 501 MHz
64
fCLK = 9 GHz , fOUT = 951 MHz
65
fCLK = 9 GHz , fOUT = 1851 MHz
62
fCLK = 9 GHz , fOUT = 2651 MHz
50
fCLK = 9 GHz , fOUT = 3651 MHz
51
SFDR
Spurious Free Dynamic Range within
500 MHz fOUT ± 250 MHz
fCLK = 6 GHz , fOUT = 501 MHz
94
dBc
fCLK = 6 GHz , fOUT = 951 MHz
88
fCLK = 6 GHz , fOUT = 1851 MHz
87
fCLK = 6 GHz , fOUT = 2651 MHz
78
fCLK = 9 GHz , fOUT = 501 MHz
92
fCLK = 9 GHz , fOUT = 951 MHz
88
fCLK = 9 GHz , fOUT = 1851 MHz
85
fCLK = 9 GHz , fOUT = 2651 MHz
82
fCLK = 9 GHz , fOUT = 3651 MHz
78
SFDR
Spurious Free Dynamic Range
excluding HD2, HD3 and CMP2 0 –
fDAC/2
fCLK = 6 GHz , fOUT = 501 MHz
72
dBc
fCLK = 6 GHz , fOUT = 951 MHz
75
fCLK = 6 GHz , fOUT = 1851 MHz
75
fCLK = 6 GHz , fOUT = 2651 MHz
71
fCLK = 9 GHz , fOUT = 501 MHz
63
fCLK = 9 GHz , fOUT = 951 MHz
66
fCLK = 9 GHz , fOUT = 1851 MHz
65
fCLK = 9 GHz , fOUT = 2651 MHz
64
fCLK = 9 GHz , fOUT = 3651 MHz
62
HD2
2nd Order Harmonic
fCLK = 6 GHz , fOUT = 501 MHz
71
dBc
fCLK = 6 GHz , fOUT = 951 MHz
68
fCLK = 6 GHz , fOUT = 1851 MHz
59
fCLK = 6 GHz , fOUT = 2651 MHz
57
fCLK = 9 GHz , fOUT = 501 MHz
71
fCLK = 9 GHz , fOUT = 951 MHz
67
fCLK = 9 GHz , fOUT = 1851 MHz
62
fCLK = 9 GHz , fOUT = 2651 MHz
49
fCLK = 9 GHz , fOUT = 3651 MHz
51
HD3
3rd Order Harmonic
fCLK = 6 GHz , fOUT = 501 MHz
75
dBc
fCLK = 6 GHz , fOUT = 951 MHz
72
fCLK = 6 GHz , fOUT = 1851 MHz
72
fCLK = 6 GHz , fOUT = 2651 MHz
70
fCLK = 9 GHz , fOUT = 501 MHz
74
fCLK = 9 GHz , fOUT = 951 MHz
73
fCLK = 9 GHz , fOUT = 1851 MHz
72
fCLK = 9 GHz , fOUT = 2651 MHz
69
fCLK = 9 GHz , fOUT = 3651 MHz
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com