Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF86
Description  Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF86 Datasheet(HTML) 97 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 93Page - Texas Instruments DAC38RF86 Datasheet HTML 94Page - Texas Instruments DAC38RF86 Datasheet HTML 95Page - Texas Instruments DAC38RF86 Datasheet HTML 96Page - Texas Instruments DAC38RF86 Datasheet HTML 97Page - Texas Instruments DAC38RF86 Datasheet HTML 98Page - Texas Instruments DAC38RF86 Datasheet HTML 99Page - Texas Instruments DAC38RF86 Datasheet HTML 100Page - Texas Instruments DAC38RF86 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 141 page
background image
97
DAC38RF86, DAC38RF87
DAC38RF97, DAC38RF96
www.ti.com
SLASEF4 – FEBRUARY 2017
Product Folder Links: DAC38RF86 DAC38RF87 DAC38RF97 DAC38RF96
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.51 JESD Link Configuration Data Register (address = 0x50) [reset = 0x0000]
Figure 102. JESD Link Configuration Data Register (JESD_LINK_CFG)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
1
0
1
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 92. JESD_Link_CFG Field Descriptions
Bit
Field
Type
Reset
Description
15-12
ADJCNT
R/W
0x0
Lane configuration data for link. Reserved by DAC38RF8x
except for lane configuration checking.
11
ADJDIR
R/W
0
Lane configuration data for link. Reserved by DAC38RF8x
except for lane configuration checking.
10-7
BID
R/W
0x0
Lane configuration data for link. Reserved by DAC38RF8x
except for lane configuration checking.
6-2
CF
R/W
00000
Lane configuration data for link. Reserved by DAC38RF8x
except for lane configuration checking.
1-0
CS
R/W
00
Lane configuration data for link. Reserved by DAC38RF8x
except for lane configuration checking.
8.5.52 JESD Sync Request Register (address = 0x51) [reset = 0x00FF]
Figure 103. JESD Sync Request Register (JESD_SYNC_REQ)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
1
0
1
0
0
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 93. JESD_SYNC_REQ Field Descriptions
Bit
Field
Type
Reset
Description
15:8
DID
R/W
0x00
Lane configuration
7:0
SYNC_REQUEST
R/W
0xFF
These bits select which errors cause a sync request. Sync
requests take priority over the error notification; so if sync
request isn’t desired; set these bits to a ‘0’.
bit 7 = multi-frame alignment error
bit 6 = frame alignment error
bit 5 = link configuration error
bit 4 = elastic buffer overflow (bad RBD value)
bit 3 = elastic buffer end char mismatch (match_ctrl match_data)
bit 2 = code synchronization error
bit 1 = 8b/10b not-in-table code error
bit 0 = 8b/10b disparity error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com