Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF86
Description  Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF86 Datasheet(HTML) 74 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 70Page - Texas Instruments DAC38RF86 Datasheet HTML 71Page - Texas Instruments DAC38RF86 Datasheet HTML 72Page - Texas Instruments DAC38RF86 Datasheet HTML 73Page - Texas Instruments DAC38RF86 Datasheet HTML 74Page - Texas Instruments DAC38RF86 Datasheet HTML 75Page - Texas Instruments DAC38RF86 Datasheet HTML 76Page - Texas Instruments DAC38RF86 Datasheet HTML 77Page - Texas Instruments DAC38RF86 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 141 page
background image
74
DAC38RF86, DAC38RF87
DAC38RF97, DAC38RF96
SLASEF4 – FEBRUARY 2017
www.ti.com
Product Folder Links: DAC38RF86 DAC38RF87 DAC38RF97 DAC38RF96
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.13 Multi-DUC Configuration (PAP, Interpolation) Register (address = 0x0A) [reset = 0x02B0]
Figure 64. Multi-DUC Configuration (PAP, Interolation) Register (MULTIDUC_CFG1)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
1
0
0
0
1
0
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 54. MULTIDUC_CFG1 Field Descriptions
Bit
Field
Type
Reset
Description
15
DUAL_IQ
R/W
0
When asserted the SLICE uses both IQ paths
14
ISFIR_ENA
R/W
0
Turns on the inverse sync filter for the AB and CD paths when
programmed to 1.
13
Not used
R/W
0
Not used
12:8
INTERP
R/W
00010
Determines the interpolation amount.
00000: 1x
00001: 2x
00010: 4x
00011: 6x
00100: 8x
00101: 10x
00110: 12x
01000: 16x
01001: 18x
01010: 20x
01100: 24x
7
ALM_ZEROS_TXEN
R/W
1
When asserted any alarm that isn’t masked will mid-level the
DAC output by setting the txenable_from_dig to ‘0’
6
DAC_COMPLEMENT
R/W
0
When asserted the DAC output will be 2's complemented. This
helps with hookup at the board level.
5
ALM_ZEROS_JESD
R/W
1
When asserted any alarm that isn’t masked will zero the data
coming out of the JESD block.
4
ALM_OUT_ENA
R/W
1
When asserted the output from the selected SLICE will be
passed on to the MASTER alarm control if it is also turned on
then the alarm will be sent to the pad_alarm pin.
3
PAPA_ENA
R/W
0
Turns on the Power Amp Protection logic for path A.
2
PAPB_ENA
R/W
0
Turns on the Power Amp Protection logic for path B.
1
PAPC_ENA
R/W
0
Turns on the Power Amp Protection logic for path C.
0
PAPD_ENA
R/W
0
Turns on the Power Amp Protection logic for path D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com