Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF86
Description  Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF86 Datasheet(HTML) 1 Page - Texas Instruments

  DAC38RF86 Datasheet HTML 1Page - Texas Instruments DAC38RF86 Datasheet HTML 2Page - Texas Instruments DAC38RF86 Datasheet HTML 3Page - Texas Instruments DAC38RF86 Datasheet HTML 4Page - Texas Instruments DAC38RF86 Datasheet HTML 5Page - Texas Instruments DAC38RF86 Datasheet HTML 6Page - Texas Instruments DAC38RF86 Datasheet HTML 7Page - Texas Instruments DAC38RF86 Datasheet HTML 8Page - Texas Instruments DAC38RF86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC38RF86, DAC38RF87
DAC38RF97, DAC38RF96
SLASEF4 – FEBRUARY 2017
DAC38RFxx: Dual- or Single-Channel, Single-Ended,
14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
1
1 Features
1
•
14-Bit Resolution
•
Maximum DAC Sample Rate: 9 GSPS
•
Key Specifications:
–
RF Full Scale Output Power at 2.1 GHz:0 dBm
–
Spectral Performance
–
fDAC = 5898.24 MSPS, fOUT = 2.14 GHz
–
WCDMA ACLR: 73 dBc
–
WCDMA alt-ACLR: 77 dBc
–
fDAC = 8847.36 MSPS, fOUT = 3.7 GHz
–
20 MHz LTE ACLR: 66 dBc
–
fDAC = 9 GSPS, fOUT = 1.8 GHz
–
IMD3 = 70 dBc (–6 dBFS, 10 MHz tone
spacing)
–
NSD = –157 dBc/Hz
•
Dual-Band Digital Upconverter per DAC
–
Max Input Rate: 1 Band: 1250 MSPS
Complex, 2 bands: 625 MSPS Complex Each
–
6, 8, 10, 12, 16, 18, 20 or 24x Interpolation
–
4 Independent NCOs with 48-Bit Resolution
•
JESD204B Interface
–
Subclass 1 Support for Multi-chip
Synchronization
–
Maximum Lane Rate: 12.5 Gbps
•
Single-Ended Output with Integrated Balun
Covering 700–3800 MHz
•
Internal PLL and VCO with Bypass
–
DAC38RF86/96: fC(VCO) = 8.9 GHz
–
DAC38RF87/97: fC(VCO) = 5.9 GHz
•
Power Dissipation: 1.4 – 2.2 W/ch
•
Power Supplies: –1.8 V, 1.0 V, 1.8 V
•
Package: 10 x 10 mm BGA, 0.8 mm Pitch,
144-Balls
2 Applications
•
Wireless Communications
•
Radar
•
Communications Test Equipment
•
Arbitrary Waveform Generators
•
Military Software Defined Radio
•
Satellite Communications (SATCOM)
3 Description
The DAC38RFxx is a family of high-performance,
dual/single-channel, 14-bit, 9-GSPS, RF-sampling
digital-to-analog converters (DACs) that are capable
of synthesizing wideband signals from 0 to 4.5 GHz.
A high dynamic range allows the DAC38RFxx family
to generate 3G/4G signals for wireless basestations
with an output frequency up to 4 GHz.
The devices feature a low-power JESD204B Interface
with up to 8 lanes, and provides a maximum bit rate
of 12.5 Gbps and input sample rate of 1.25 GSPS
complex per channel. The DAC38RFxx provides two
digital
upconverters
per
DAC,
with
multiple
interpolation rates and a digital quadrature modulator
with
independent,
frequency
flexible
NCOs.
An
optional low-jitter PLL/VCO simplifies the DAC clock
generation by allowing use of a lower frequency
reference clock.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC38RF86
FCBGA (144)
10.0 mm x 10.0 mm
DAC38RF96
DAC38RF87
DAC38RF97
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2x20 MHz LTE at 1.84 GHz and 2.14 GHz,
800 MHz Span


Similar Part No. - DAC38RF86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF86 TI2-DAC38RF86 Datasheet
2Mb / 147P
DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
REVISED JULY 2017
DAC38RF86IAAV TI2-DAC38RF86IAAV Datasheet
2Mb / 147P
DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
REVISED JULY 2017
DAC38RF86IAAV.B TI2-DAC38RF86IAAV.B Datasheet
2Mb / 147P
DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
REVISED JULY 2017
DAC38RF86IAAVR TI2-DAC38RF86IAAVR Datasheet
2Mb / 147P
DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
REVISED JULY 2017
DAC38RF86IAAVR.B TI2-DAC38RF86IAAVR.B Datasheet
2Mb / 147P
DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
REVISED JULY 2017
More results

Similar Description - DAC38RF86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com