Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF86
Description  Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF86 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 35Page - Texas Instruments DAC38RF86 Datasheet HTML 36Page - Texas Instruments DAC38RF86 Datasheet HTML 37Page - Texas Instruments DAC38RF86 Datasheet HTML 38Page - Texas Instruments DAC38RF86 Datasheet HTML 39Page - Texas Instruments DAC38RF86 Datasheet HTML 40Page - Texas Instruments DAC38RF86 Datasheet HTML 41Page - Texas Instruments DAC38RF86 Datasheet HTML 42Page - Texas Instruments DAC38RF86 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
39
DAC38RF86, DAC38RF87
DAC38RF97, DAC38RF96
www.ti.com
SLASEF4 – FEBRUARY 2017
Product Folder Links: DAC38RF86 DAC38RF87 DAC38RF97 DAC38RF96
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.13 SerDes Test Modes through IEEE 1500 Programming
DAC38RFxx also provide a number of advanced diagnostic capabilities controlled by the IEEE 1500 interface.
These are:
•
Accumulation of pattern verification errors;
•
The ability to map out the width and height of the receive eye, known as Eye Scan;
•
Rreal-time monitoring of internal voltages and currents;
The SerDes blocks support the following IEEE1500 instructions:
Table 24. IEEE1500 Instruction for SerDes Receivers
INSTRUCTION
OPCODE
DESCRIPTION
ws_bypass
0x00
Bypass. Selects a 1-bit bypass data register. Use when accessing other macros on the same
IEEE1500 scan chain.
ws_cfg
0x35
Configuration. Write protection options for other instructions.
ws_core
0x30
Core. Fields also accessible via dedicated core-side ports.
ws_tuning
0x31
Tuning. Fields for fine tuning macro performance.
ws_debug
0x32
Debug. Fields for advanced control, manufacturing test, silicon characterization and debug.
ws_unshadowed
0x34
Unshadowed. Fields for silicon characterization.
ws_char
0x33
Char. Fields used for eye scan.
The data for each SerDes instruction is formed by chaining together sub-components called head, body (receiver
or transmitter) and tail. DAC38RFxx uses two SerDes receiver blocks R0 and R1, each of which contains 4
receive lanes (channels), the data for each IEEE1500 instruction is formed by chaining {head, receive lane 0,
receive lane 1, receive lane 2, receive lane 3, tail}. A description of bits in head, body and tail for each instruction
is given as follows:
NOTE
All multi-bit signals in each chain are packed with bits reversed e.g. mpy[7:0] in ws_core
head subchain is packed as {retime, enpll, mpy[0:7], vrange, lb[0:1]}. All DATA REGISTER
READS from SerDes Block R0 should read 1 bit more than the desired number of bits and
discard the first bit received on TDO e.g., to read 40-bit data from R0 block, 41 bits should
be read off from TDO and the first bit received should be discarded. Similarly, any data
written to SerDes Block R0 Data Registers should be prefixed with an extra 0.
Table 25. ws_cfg Chain
FIELD
DESCRIPTION
HEAD (STARTING FROM THE MSB OF CHAIN)
RETIME
No function.
CORE_WE
Core chain write enable.
RECEIVER (FOR EACH LANE 0, 1, 2, 3)
CORE_WE
Core chain write enable.
TUNING_WE
Tuning chain write enable.
DEBUG_WE
Reserved.
CHAR_WE
Char chain write enable.
UNSHADOWED_WE
Reserved.
TAIL (ENDING WITH THE LSB OF CHAIN)
CORE_WE
Core chain write enable.
TUNING_WE
Tuning chain write enable.
DEBUG_WE
Reserved.
RETIME
No function.
CHAIN LENGTH = 26 BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com