Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF86
Description  Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF86 Datasheet(HTML) 63 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 59Page - Texas Instruments DAC38RF86 Datasheet HTML 60Page - Texas Instruments DAC38RF86 Datasheet HTML 61Page - Texas Instruments DAC38RF86 Datasheet HTML 62Page - Texas Instruments DAC38RF86 Datasheet HTML 63Page - Texas Instruments DAC38RF86 Datasheet HTML 64Page - Texas Instruments DAC38RF86 Datasheet HTML 65Page - Texas Instruments DAC38RF86 Datasheet HTML 66Page - Texas Instruments DAC38RF86 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 141 page
background image
63
DAC38RF86, DAC38RF87
DAC38RF97, DAC38RF96
www.ti.com
SLASEF4 – FEBRUARY 2017
Product Folder Links: DAC38RF86 DAC38RF87 DAC38RF97 DAC38RF96
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Register Maps (continued)
Table 41. Register Summary (continued)
Address
Reset
Acronym
Register Name
Section
0x0A-0x77
0x0000
Reserved
Reserved
0x78
0x0000
SYSREF_ALIGN_R
SYSERF Align to r1 and r3 Count
8.5.9
0x79
0x0000
SYSREF12_CNT
SYSREF Phase Count 1 and 2
8.5.10
0x7A
0x0000
SYSREF34_CNT
SYSREF Phase Count 3 and 4
8.5.11
0x7B-0x7E
0x0000
Reserved
Reserved
0x7F
0x0008
VENDOR_VER
Vendor ID and Chip Version
8.5.12
Multi-DUC Configuration Registers (PAGE_SET[0] = 1 for multi-DUC1, PAGE_SET[1] = 1 for multi-DUC2)
0x0A
0x02B0
MULTIDUC_CFG1
Multi-DUC Configuration (PAP, Interpolation)
8.5.13
0x0B
0x0000
Reserved
Reserved
0x0C
0x2402
MULTIDUC_CFG2
Multi-DUC Configuration (Mixers)
8.5.14
0x0D
0x8300
JESD_FIFO
JESD FIFO Control
8.5.15
0x0E
0x00FF
ALM_MASK1
Alarm Mask 1
8.5.16
0x0F
0x1F83
ALM_MASK2
Alarm Mask 2
8.5.17
0x10
0xFFFF
ALM_MASK3
Alarm Mask 3
8.5.18
0x11
0xFFFF
ALM_MASK4
Alarm Mask 4
8.5.19
0x12
0x0000
JESD_LN_SKEW
JESD Lane Skew
8.5.20
0x13-0x16
0x0000
Reserved
Reserved
0x17
0x0000
CMIX
CMIX Configuration
8.5.21
0x18
0x0000
Reserved
Reserved
0x19
0x0000
OUTSUM
Output Summation and Delay
8.5.22
0x1A-0x1B
0x0000
Reserved
Reserved
0x1C
0x0000
PHASE_NCOAB
Phase offset for AB path NCO
8.5.23
0x1D
0x0000
PHASE_NCOCD
Phase offset for CD path NCO
8.5.24
0x1E-0x20
0x0000
FREQ_NCOAB
Frequency for AB path NCO
8.5.25
0x21-0x23
0x0000
FREQ_NCOCD
Frequency for CD path NCO
8.5.26
0x24
0x0010
SYSREF_CLKDIV
SYSREF Use for Clock Divider
8.5.27
0x25
0x7700
SERDES_CLK
Serdes Clock Control
8.5.28
0x26
0x0000
Reserved
Reserved
0x27
0x1144
SYNCSEL1
Sync Source Selection
8.5.29
0x28
0x0000
SYNCSEL2
Sync Source Selection
8.5.30
0x29
0x0000
PAP_GAIN_AB
PAP path AB Gain Attenuation Step
8.5.31
0x2A
0x0000
PAP_WAIT_AB
PAP path AB Wait Time at Gain = 0
8.5.32
0x2B
0x0000
PAP_GAIN_CD
PAP path CD Gain Attenuation Step
8.5.33
0x2C
0x0000
PAP_WAIT_CD
PAP path CD Wait Time at Gain = 0
8.5.34
0x2D
0x1FFF
PAP_CFG_AB
PAP path AB Configuration
8.5.35
0x2E
0x1FFF
PAP_CFG_CD
PAP path CD Configuration
8.5.36
0x2F
0x0000
SPIDAC_TEST1
Configuration for DAC SPI Constant
8.5.37
0x30
0x0000
SPIDAC_TEST2
DAC SPI Constant
8.5.38
0x31
0x0000
Reserved
Reserved
0x32
0x0800
GAINAB
Gain for path AB
8.5.39
0x33
0x0800
GAINCD
Gain for path CD
8.5.40
0x34-0x40
0x0000
Reserved
Reserved
0x41
0x0000
JESD_ERR_CNT
JESD Error Counter
8.5.41
0x42-0x45
0x0000
Reserved
Reserved
0x46
0x0044
JESD_ID1
JESD ID 1
8.5.42
0x47
0x190A
JESD_ID2
JESD ID 2
8.5.43
0x48
0x31C3
JESD_ID3
JESD ID 3 and Subclass
8.5.44
0x49
0x0000
Reserved
Reserved
0x4A
0x0003
JESD_LN_EN
JESD Lane Enable
8.5.45
0x4B
0x1300
JESD_RBD_F
JESD RBD Buffer and Frame Octets
8.5.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com