Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF86
Description  Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF86 Datasheet(HTML) 92 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 88Page - Texas Instruments DAC38RF86 Datasheet HTML 89Page - Texas Instruments DAC38RF86 Datasheet HTML 90Page - Texas Instruments DAC38RF86 Datasheet HTML 91Page - Texas Instruments DAC38RF86 Datasheet HTML 92Page - Texas Instruments DAC38RF86 Datasheet HTML 93Page - Texas Instruments DAC38RF86 Datasheet HTML 94Page - Texas Instruments DAC38RF86 Datasheet HTML 95Page - Texas Instruments DAC38RF86 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 141 page
background image
92
DAC38RF86, DAC38RF87
DAC38RF97, DAC38RF96
SLASEF4 – FEBRUARY 2017
www.ti.com
Product Folder Links: DAC38RF86 DAC38RF87 DAC38RF97 DAC38RF96
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.43 JESD ID 2 Register (address = 0x47) [reset = 0x190A]
Figure 94. JESD ID 2 Register (JESD_ID2)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
R
R
R
R
R
R
R
R
7
6
5
4
3
2
1
0
0
1
0
0
0
1
1
1
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 84. JESD ID 2 Register (JESD_ID2)
Bit
Field
Type
Reset
Description
15:11
LID3
R/W
00011
JESD ID for lane 3
10:6
LID4
R/W
00100
JESD ID for lane 4
5:1
LID5
R/W
00101
JESD ID for lane 5
0
Reserved
R/W
0
Reserved
8.5.44 JESD ID 3 and Subclass Register (address = 0x48) [reset = 0x31C3]
Figure 95. JESD ID 3 Register (JESD_ID3)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
1
0
0
1
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 85. JESD_ID3 Field Descriptions
Bit
Field
Type
Reset
Description
15:11
LID6
R/W
00110
JESD ID for lane 6
10:6
LID7
R/W
00111
JESD ID for lane 7
5:4
Reserved
R/W
00
Reserved
3:1
SUBCLASSV
R/W
001
Selects the JESD subclass supported. Note: “001” is subclass 1
and “000” is subclass 0 they are the only modes supported; not
used for operation but used for configuration. See field
MIN_LATENCY_ENA in register JESD_MATCH (9.5.46) for use
in subclass0
0
JESDV
R/W
1
Selects the version of JESD support(0=A; 1=B) NOTE: JESD
204B is only supported version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com