Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 23Page - National Semiconductor (TI) LM9812 Datasheet HTML 24Page - National Semiconductor (TI) LM9812 Datasheet HTML 25Page - National Semiconductor (TI) LM9812 Datasheet HTML 26Page - National Semiconductor (TI) LM9812 Datasheet HTML 27Page - National Semiconductor (TI) LM9812 Datasheet HTML 28Page - National Semiconductor (TI) LM9812 Datasheet HTML 29Page - National Semiconductor (TI) LM9812 Datasheet HTML 30Page - National Semiconductor (TI) LM9812 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
27
http://www.national.com
Applications Information
1.0 THEORY OF OPERATION
The LM9812 removes errors from and digitizes up to 3 channels
of linear sensor pixel streams, while providing all the necessary
clock signals to drive the sensor. Offset and gain errors are
removed at the pixel rate, for individual pixels. Offset errors are
removed through correlated double sampling (CDS), an analog
offset DAC for large DC offsets, and finally a pixel-rate digital off-
set subtractor for individual pixel offsets. Gain errors (which may
come from any combination of PRNU, uneven illumination, cos4
effect, RGB filter mismatch, etc.) are removed through the use of
a 5 bit PGA in front of the ADC (for coarse gain correction) and a
10x10bit pixel-rate digital multiplier for individual pixel gain errors.
1.1 ANALOG SIGNAL PATH (See Functional Block Diagram)
1.1.1 Clamping and Buffering
The Output Signals (OS) from the image sensor are capacitively
coupled to the three (OSR, OSG, OSB) analog inputs of the
LM9812. Inside the LM9812, a DC restore operation is performed
by clamping the input signal to 2.5V when the input signal is
known to be black (during the start of a new line of image data).
To eliminate loading of the input signal, the signal is buffered
through a source follower before being sent to the CDS section.
1.1.2 CDS
The LM9812 uses a high performance CDS (Correlated Double
Sampling) circuit to remove many sources of noise and error from
the CCD signal. It also supports CIS image sensors with a single
sampling mode for positive-going signals.
Figure 1 shows the output stage of a typical CCD and the result-
ing output waveform:
Capacitor C1 converts the electrons coming from the CCD’s shift
register to an analog voltage. The source follower output stage
(Q2) buffers this voltage before it leaves the CCD. Q1 resets the
voltage across capacitor C1 in between every pixel at intervals 2
and 5. When Q1 is on, the output signal (OS) is at its most posi-
tive voltage. After Q1 turns off (period 3), the OS level represents
the residual voltage across C1 (VRESIDUAL). VRESIDUAL includes
charge injection from Q1, thermal noise from the ON resistance
of Q1, and other sources of error. When the shift register clock
(Ø1) makes a low to high transition (period 4), the electrons from
the next pixel flow into C1. The charge across C1 now contains
the voltage proportional to the number of electrons plus VRESID-
UAL, an error term. If OS is sampled at the end of period 3 and
that voltage is subtracted from the OS at the end of period 4, the
VRESIDUAL term is canceled and the noise on the signal is
reduced ([VSIGNAL+VRESIDUAL]-VRESIDUAL = VSIGNAL). This is the
principal of Correlated Double Sampling.
The LM9812’s CDS circuit acquires a signal within a 1 MCLK win-
dow which can be placed anywhere in the pixel period with 0.5
MCLK precision. See Diagram 12 for more detailed timing infor-
mation.
1.2 CIS Mode
The LM9812 provides some support for CIS (Contact Image Sen-
sor) devices by offering a sampling mode for capturing positive
going signals, as opposed to the CCD’s negative going signal.
The output signal of a CIS sensor (Figure 2) differs from a CCD
signal in two primary ways: its output increases with increasing
signal strength, and it does not usually have a reference level as
an integral part of the output waveform of every pixel.
When the LM9812 is in CIS mode (Register 24, bit 7=1), it uses
the VREF MID level as the reference (or black) voltage for each
pixel. Since the LM9812 clamps the input signal to VREF MID at
the black portion at the beginning of every line, the output of the
sampler is an accurate and repeatable representation of the that
pixel’s brightness.
1.2.1 Static PGAs
The output of the CDS stage drives the PGAs (Programmable
Gain Amplifiers). Each PGA provides 5 bits of fixed gain correc-
tion over a 0.93V/V to 3V/V (-0.6 to 9.5dB) range. The Blue chan-
nel has an optional x3 stage for a gain range of 2.8V/V to 9.0V/V
(8.9 to 19dB). The gain of each PGA should be set during calibra-
tion to bring the maximum amplitude of the strongest pixel to a
level just below the desired maximum output from the ADC. The
gain is determined by the following equation:
The Blue Channel has an additional gain stage with a gain of
3V/V that may be switched on to compensate for the low ampli-
tude blue output of some sensors. With the x3 bit set (Register 2,
bit 7=1), the blue gain is:
RS (RESET)
e-
(from shift register)
OS
Q1
Q2
C1
VDD
VSS
Ø1
RS
OS
12
3
4
5
Figure 1: CDS
OS (CCD)
12
3
4
5
Figure 2: CIS vs. CCD Output signals
OS (CIS)
Gain
V
V
----


0.93
PGA code
32
---------------------------2.137
+
=
Equation 1: PGA Gain
Gain
V
V
----


02.79
PGA code
32
---------------------------6.411
+
=
Equation 2: Blue Channel PGA Gain with x3 Bit Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com