Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 6Page - National Semiconductor (TI) LM9812 Datasheet HTML 7Page - National Semiconductor (TI) LM9812 Datasheet HTML 8Page - National Semiconductor (TI) LM9812 Datasheet HTML 9Page - National Semiconductor (TI) LM9812 Datasheet HTML 10Page - National Semiconductor (TI) LM9812 Datasheet HTML 11Page - National Semiconductor (TI) LM9812 Datasheet HTML 12Page - National Semiconductor (TI) LM9812 Datasheet HTML 13Page - National Semiconductor (TI) LM9812 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
http://www.national.com
Analog Power
VA
This is the positive supply pin for the analog
supply. It should be connected to a voltage
source of +5V and bypassed to AGND with a
0.1µF monolithic capacitor in parallel with a
10µF tantalum capacitor.
AGND
This is the ground return for the analog supply.
Digital Power
VD
This is the positive supply pin for the digital
supply. It should be connected to a voltage
source of +5V and bypassed to DGND with a
0.1µF monolithic capacitor.
DGND
This is the ground return for the digital supply.
VDI/O
This is the positive supply pin for the digital
supply for the LM9812’s I/O. It should be con-
nected to a voltage source of +3V to +5V and
bypassed to DGNDI/O with a 0.1µF monolithic
capacitor. If the supply for this pin is different
than the supply for VA and VD, it should also be
bypassed with a 10µF tantalum capacitor.
DGNDI/O
This is the ground return for the digital supply
for the LM9812’s I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com