Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 16Page - National Semiconductor (TI) LM9812 Datasheet HTML 17Page - National Semiconductor (TI) LM9812 Datasheet HTML 18Page - National Semiconductor (TI) LM9812 Datasheet HTML 19Page - National Semiconductor (TI) LM9812 Datasheet HTML 20Page - National Semiconductor (TI) LM9812 Datasheet HTML 21Page - National Semiconductor (TI) LM9812 Datasheet HTML 22Page - National Semiconductor (TI) LM9812 Datasheet HTML 23Page - National Semiconductor (TI) LM9812 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
20
http://www.national.com
21
10
101
Reset Pulse Width
Reset Pulse Position
Bit 2
Bit 0
Bit 4
Bit 0
22
10
110
Reference Sample Position
-
-
-
Bit 4
Bit 0
23
10
111
Signal Sample Position
-
-
-
Bit 4
Bit 0
24
11
000
Misc Group 2
Signal
Polarity
Preview 1
Preview 2
Internal/
External
SYNC
pulse
TR Pulse
Mode
(1 or 2
Pulses)
Red/Blue
Order for
2 Output
sensors
3 or 2
Output
sensor
Standard
or
Odd/Even
sensor
25
11
001
Misc Group 3
Power
Down
8 or 10 bit
Coefficient
Bus
-
TR2 Enable TR1 Enable RS Enable
Ø2 Enable
Ø1 Enable
26
11
010
Misc Group 4
Gain
Coefficient
Write
Phase
Offset
Coefficient
Write
Phase
Data Read
Phase
Ø1 Polarity
During TR1
TR2 Pulse
Polarity
TR1 Pulse
Polarity
RS Pulse
Polarity
Ø1/Ø2
Polarity
27
11
011
Test Mode 1
TB7
TB6
000
00
0
28
11
100
Test Mode 2
00
000
00
0
Table 2: Configuration Register Parameters
Note: tMCLK = 1/fMCLK = 1 MCLK period. Examples given in parenthesis are for fMCLK = 24MHz (tMCLK = 41.66ns).
Parameter
(Address)
Control Bits
Result
Red
Offset DAC (0)
Green
Offset DAC (1)
Blue
Offset DAC (2)
D5
(SIGN)
0
0
0
• • •
0
0
1
1
1
• • •
1
1
D4
(MSB)
0
0
0
• • •
1
1
0
0
0
• • •
1
1
D3
0
0
0
• • •
1
1
0
0
0
• • •
1
1
D2
0
0
0
• • •
1
1
0
0
0
• • •
1
1
D1
0
0
1
• • •
1
1
0
0
1
• • •
1
1
D0
(LSB)
0
1
0
• • •
0
1
0
1
0
• • •
0
1
Typical Offset
(in ADC LSBs)
0.00
+4.2
+8.4
• • •
+126.0
+130.2
0.00
-4.2
-8.4
• • •
-126.0
-130.2
Address
(Decimal)
Address
(Binary)
Data Bits
A4 A3 A2 A1 A0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com