Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 28Page - National Semiconductor (TI) LM9812 Datasheet HTML 29Page - National Semiconductor (TI) LM9812 Datasheet HTML 30Page - National Semiconductor (TI) LM9812 Datasheet HTML 31Page - National Semiconductor (TI) LM9812 Datasheet HTML 32Page - National Semiconductor (TI) LM9812 Datasheet HTML 33Page - National Semiconductor (TI) LM9812 Datasheet HTML 34Page - National Semiconductor (TI) LM9812 Datasheet HTML 35Page - National Semiconductor (TI) LM9812 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
32
http://www.national.com
3.0 ANALOG INTERFACE
3.1 Voltage Reference
The VREF IN pin should be connected to a 2V±5% reference volt-
age. The LM4041-ADJ adjustable bandgap reference is recom-
mended for this application, as shown in Figure 6. The
inexpensive “D” grade meets all the requirements of the applica-
tion and is available in a TO-92 (LM4041DIZ-ADJ) package as
well as a SOT-23 package (LM4041DIM3-ADJ) to minimize board
space. To reduce noise, the VREF IN pin should be bypassed to
AGND with a 0.1µF monolithic capacitor.
The LM9812 generates three internal reference voltages for its
analog front end: VREF MID, VREF HI, and VREF LO. VREF MID is
equal to 0.49*VA, or 2.45V with a nominal 5V supply. VREF IN
drives a transconductance amplifier with two output currents, -
VREF IN/2 and +VREF IN/2. These currents go into the VREF HI and
VREF LO reference voltage buffers, which generate a nominal
3.45V (VREF HI = VREF MID + VREF IN/2), and 1.45V (VREF LO =
VREF MID - VREF IN/2). To minimize noise, the reference amplifiers
sense (IN) inputs are brought out to the chip for bypassing. Each
buffer’s output and input should be tied together and decoupled to
AGND through a 0.1µF monolithic capacitor.
3.2 Clamp Capacitor Selection
This section is very long because it is relatively complicated to
explain, but the answer is short and simple: A clamp capacitor
value of 0.01µF should work in almost all applications. The rest of
this section describes exactly how this value is selected.
The output signal of many sensors rides on a DC offset (greater
than 5V for many CCDs) which is incompatible with the LM9812’s
5V operation. To eliminate this offset without resorting to addi-
tional higher voltage components, the output of the sensor is AC
coupled to the LM9812 through a DC blocking capacitor, CCLAMP
(the CCD’s DOS output, if available, is not used). The value of
this capacitor is determined by the leakage current of the
LM9812’s OS input and the output impedance of the sensor. The
leakage through the OS input determines how quickly the capaci-
tor value will drift from the clamp value of VREF MID, which then
determines how many pixels can be processed before the droop
causes errors in the conversion (±0.1V is the recommended
limit). The output impedance of the sensor determines how
quickly the capacitor can be charged to the clamp value during
the black reference period at the beginning of every line.
The minimum clamp capacitor value is determined by the maxi-
mum droop the LM9812 can tolerate while converting one sensor
line. The following equation takes the maximum leakage current
into the OS input, the maximum allowable droop (100mV), the
number of pixels on the sensor, and the pixel conversion rate
(fMCLK/12 for triple output sensors or fMCLK/8 for dual output sen-
sors) and provides the minimum clamp capacitor value:
For example, if the OS input leakage current is 20nA worst-case,
the sensor has 2700 active pixels, the conversion rate is 2MHz
(fMCLK = 24MHz, triple output sensor), and the max droop desired
is 0.1V, the minimum clamp capacitor value is:
RS
OS
CDS
(Internal)
Diagram 5: x4 Preview Mode Timing
Hold Ref
Hold Signal
Ø1
(Even/Odd Mode)
Ø2
(Even/Odd Mode)
Ø1
(Standard Mode)
Ø2
(Standard Mode)
1
1.5 1.5
7.5
11
1.5
1.5
6
0.5
6
7.5
All lengths given in units of MCLK periods
pn
pn+1
pn+2
pn+3
I=VREF IN/2R
Reference
Amplifiers
LM4041-ADJ
0.1µF
0.1µF
Figure 6: Voltage Reference Generation
LM9812
VREF IN
VREF LO OUT
VREF LO IN
VREF MID OUT
VREF MID IN
VREF HI OUT
VREF HI IN
0.1µF
0.1µF
10.1k
10.5k
VA
R
R
3k
4.7k
VA
3k
-I
+I
DOS
OS
OS
SENSOR
NC
CCLAMP
Figure 7: OS Clamp Capacitor and Internal Clamp
2.450V
LM9812
C
CLAMP MIN
i
dV
---------dt
=
leakage current (A)
max droop(V)
---------------------------------------------------
number of pixels
conversion rate (Hz)
------------------------------------------------------
=
Equation 6: CCLAMP MIN Calculation
C
CLAMP MIN
20nA
0.1V
--------------
2700
2MHz
---------------
=
270pF
=
Equation 7: CCLAMP MIN Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com