Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 29Page - National Semiconductor (TI) LM9812 Datasheet HTML 30Page - National Semiconductor (TI) LM9812 Datasheet HTML 31Page - National Semiconductor (TI) LM9812 Datasheet HTML 32Page - National Semiconductor (TI) LM9812 Datasheet HTML 33Page - National Semiconductor (TI) LM9812 Datasheet HTML 34Page - National Semiconductor (TI) LM9812 Datasheet HTML 35Page - National Semiconductor (TI) LM9812 Datasheet HTML 36Page - National Semiconductor (TI) LM9812 Datasheet HTML 37Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
35
http://www.national.com
• If 1.5 < Range < 2.0, then set the Multiplier Range bits (register
9, bits 3 and 2) to 01 (50%).
• If 2.0 < Range < 3.0, then set the Multiplier Range bits (register
9, bits 3 and 2) to 00 (66%).
• If Range > 3.0, then set the range is too large and the system
can not be calibrated.
4.5 Calculating the Pixel Rate Offset Coefficients
• Scan one line of a pure black test pattern, or scan one line with
the light source turned off. (Caution: turning the light source on
and off may cause thermal drift in light intensity as the light
source warms up and cools down.) Scanning multiple black
lines and averaging each pixel from each line will reduce noise
and increase the accuracy of this step.
• The value of each pixel is the offset error for that pixel. Store
each pixel value into that pixel's offset correction RAM
location.
• Set the Pixel Rate Offset Adder Source to external (register 9,
bit 0 = 0)
4.6 Calculating the Pixel Rate Multiplier Coefficients
• Scan one line of a pure white test pattern. Scanning multiple
white lines and averaging each pixel from each line will reduce
noise and increase the accuracy of this step.
• The equation for the multiplier gain is:
where:
x is the 10 bit multiplier gain coefficient (0 to 1023),
N = 2048 (Multiplier range = 1:1.5),
N = 1024 (Multiplier range = 1:2),
N = 512 (Multiplier range = 1:3).
• Determine the multiplier gain for each pixel n so the result is
the Target Code:
• The multiplier coefficient required is therefore:
• Store the Multiplier Gain Coefficients for each pixel into that
pixel's offset correction RAM location.
• Set the Pixel Rate Multiplier Source to external (register 9, bit
1=0)
CALIBRATION COMPLETE
4.7 Additional Calibration Information
The procedure detailed in sections 4.1 through 4.6 is only one of
many approaches to scanner calibration. In some approaches it
may be useful to use a model for the analog front end and actu-
ally measure VOS1 and VOS2.
Figure 13 is a mathematical model of the analog front end of one
channel of the LM9812. The constant C (typically 2, given in the
Electrical Characteristics table) represents the total gain error
from Vin through DOUT with G = 1V/V (PGA register setting = 1).
To further simplify the model, the signal is always assumed to be
0V for black and increasing in the positive direction as pixel
brightness increases. In reality, black may be offset from ground,
and white may be negative (CCD) or positive (CIS) with respect to
black, but this is all taken care of by the CDS function and the cor-
rect setting of the Signal Polarity bit (Register 24, bit 7).
The analog front end’s transfer function is shown in Equation 18.
The typical values of C (2) and VREFIN (2V) cancel each other
out. It is also useful to convert all the voltages to ADC codes,
since that is the domain in which they will be seen by the calibra-
tion software. VIN (in ADC codes) = VIN (in V)*1024. Calibration
can be more easily accomplished using the simplified model of
Equation 19.
Measurement of the two offset voltages (VOS1 and VOS2) is done
by measuring the ADC output, with a black image on the sensor
(if a black reference image is not available, it may be created sim-
ply by turning off the scanner’s illumination). In this example, VIN
is considered to be 0V, and any offsets from the sensor are
lumped in with the LM9812’s VOS1. If the ADC output is measured
with a PGA gain of 1V/V and 3V/V, then the offset errors (VOS1
and VOS2) can be determined from the following two equations:
VADC1 = 1VOS1 + VOS2 + VDAC2 (PGA gain = 1V/V)
VADC2 = 3VOS1 + VOS2 + VDAC2 (PGA gain = 3V/V)
Solving for VOS1 and VOS2:
VOS1 = (VADC2 - VADC1)/2
VOS2 = (3VADC1 - VADC2)/2
5.0 POWER SUPPLY CONSIDERATIONS
5.1 General
The LM9812 should be powered by a single +5V source (unless
3V-compatible digital I/O is required-see Section
5.2). The analog
supplies (VA) and the digital supplies (VD and VDI/O) are brought
out individually to allow separate bypassing for each supply input.
They should
not be powered by two or more different supplies.
Multiplier Gain
1
x
N
----
+
=
Equation 15: Multiplier Gain Equation
Gain(n)
Target Code
pixel data
n
---------------------------------
=
Equation 16: Gain Calculation for Each Pixel
Multiplier Coefficent (n)
Integer(N(Gain(n) - 1))
=
Equation 17: Multiplier Coefficient Calculation for Each Pixel
Integer N
Target Code
pixel data
n
---------------------------------1
–




=
VOD
DAC
Offset
G
Σ
+
+
Figure 13: Simplified Model of One Channel of the Ana-
log Front End
10 Bit
ADC
+
+
+
+
VOS2
VOS1
VIN
Σ
Σ
DOUT
VREF IN
C
D
OUT
1024
C
V
IN
V
OS1
+
()GV
OS2
V
OD
++
V
REFIN
----------------------------------------------------------------------------------------
=
Equation 18: AFE Transfer Equation
D
OUT
V
IN
V
OS1
+
()GV
OS2
V
OD
++
=
Equation 19: AFE Transfer Equation (units of ADC LSBs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com