Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 29Page - National Semiconductor (TI) LM9812 Datasheet HTML 30Page - National Semiconductor (TI) LM9812 Datasheet HTML 31Page - National Semiconductor (TI) LM9812 Datasheet HTML 32Page - National Semiconductor (TI) LM9812 Datasheet HTML 33Page - National Semiconductor (TI) LM9812 Datasheet HTML 34Page - National Semiconductor (TI) LM9812 Datasheet HTML 35Page - National Semiconductor (TI) LM9812 Datasheet HTML 36Page - National Semiconductor (TI) LM9812 Datasheet HTML 37Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
36
http://www.national.com
In systems with separate analog and digital +5V supplies, all the
supply pins of the LM9812 should be powered by the analog +5V
supply. Each supply input should be bypassed to its respective
ground with a 0.1µF capacitor located as close as possible to the
supply input pin. A single 10µF tantalum capacitor should be
placed near the VA supply pin to provide low frequency bypass-
ing.
To minimize noise, keep the LM9812 and all analog components
as far as possible from noise generators, such as switching power
supplies and high frequency digital busses. If possible, isolate all
the analog components and signals (OS, reference inputs and
outputs, VA, AGND) on an analog ground plane, separate from
the digital ground plane. The two ground planes should be tied
together at a single point, preferably the point where the power
supply enters the PCB.
5.2 3V Compatible Digital I/O
If 3V digital I/O operation is desired, the VDI/O pin may be pow-
ered by a separate 3V±10% or 3.3V±10% supply. In this case all
the digital I/O pins (CD0-CD9, D0-D9, MCLK, SYNC, RUN/STOP,
CS, RD, WR, EOC, GLCK, OCLK, and RD PIXELI) will be 3V
compatible. The CCD clock signals (Ø1, Ø2, RS, TR1 and TR2)
remain 5V outputs, powered by VD. In this case, the VDI/O input
should be bypassed to DGNDI/O with a parallel combination of a
0.1µF capacitor and a 10µF tantalum capacitor.
5.3 Power Down Mode
Setting the Power Down bit to a “1” puts the device in a low power
standby mode. The CCD outputs (Ø1, Ø2, RS, TR1 and TR2) are
pulled low and the analog sections are turned off to conserve
power. The digital logic will continue to operate if MCLK continues
and SYNC is held high, so for minimum power dissipation MCLK
should be stopped when the LM9812 enters the Power Down
mode. Recovery from Power Down typically takes 50µs (the time
required for the reference voltages to settle to 0.5 LSB accuracy).
6.0 RULES, HINTS, AND COMMON DESIGN PROBLEMS
6.1 Ignore MCLK When Designing a System
While the MCLK input is the master clock for all the LM9812 tim-
ing, it should not be used to predict when other clocks or events
will occur. To get the highest possible timing resolution, the
LM9812 uses double-edged flip flops for many functions. CCD
clock output signals, coefficient clocks, and internal clocks may
change state on the rising or falling edge of MCLK, depending on
the state of MCLK and some internal free running state machines
when the RUN/STOP or SYNC input goes high. Normal process
variations from part to part result in different delays between an
MCLK edge and other events in the LM9812.
For a reliable design, synchronize your system to EOC, GCLK,
and OCLK. These signals are repeatable from device to device.
Do not synchronize your system to MCLK: treat it only as a fre-
quency that sets the pixel rate of the system. If you need to gen-
erate additional CCD timing signals, synchronize them to the
LM9812’s TR and RS outputs.
6.2 Weak Latches On Databus
The D0-D9 databus has weak latches on its output pins to keep
the databus from drifting through the input’s trip point when TRI-
STATED. If the voltage on the input pin is at the threshold, large
amounts of current can be drawn from the digital I/O supply
because the N and the P channel of the input buffer are simulta-
neously on. These latches are very weak (sourcing and sinking
about 50µA typically) and can be easily overdriven.
6.3 Don’t Decrement the Reference Sample Position Regis-
ter by 1
A write to the Reference Sample Position Register (Configuration
Register 22) containing a value that is 1 less than the current
value stored in the Reference Sample Position Register will
sometimes make one of the LM9812’s internal state machines to
fail, causing erratic and improper operation of the LM9812. For
example, if the value currently stored in the Reference Sample
Position Register is 12, then writing an 11 can cause this prob-
lem.
To avoid this condition, never decrement the existing value stored
in the Reference Sample Position Register by 1. Incrementing by
any amount or decrementing by 2 or greater or writing the same
number over again will not cause any problems.
To get out of this mode, write a new number to the Reference
Sample Position Register that is greater than the original number.
Since incrementing and decrementing this register should only be
done during the development phase of the system until an ideal
value for this register is chosen. This issue should cause abso-
lutely no problems in production, since the value of this register
will be fixed, so the firmware should never write more than the
final ideal value to this register.
6.4 Taking RD Low With CS High Will Drive the Databus
In many digital systems, the RD signal is ignored when CS is held
high. This is not the case with the The LM9812. Taking RD low
with CS high will take the D0-D9 databus out of tristate and put
random data on the databus. Do not assume that RD is ignored
when CS is high.
Figure 14: Weak Latches On Databus
10
D0-D9
From
Multiplier
From
Config
Register
To
Config
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com