Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 29Page - National Semiconductor (TI) LM9812 Datasheet HTML 30Page - National Semiconductor (TI) LM9812 Datasheet HTML 31Page - National Semiconductor (TI) LM9812 Datasheet HTML 32Page - National Semiconductor (TI) LM9812 Datasheet HTML 33Page - National Semiconductor (TI) LM9812 Datasheet HTML 34Page - National Semiconductor (TI) LM9812 Datasheet HTML 35Page - National Semiconductor (TI) LM9812 Datasheet HTML 36Page - National Semiconductor (TI) LM9812 Datasheet HTML 37Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
34
http://www.national.com
• Set the Multiplier Gain Range to 1:3 (register 9, bits 2 and 3 =
00)
4.2 Setting the Static Offset DACs
• Scan one line of a pure black test pattern, or scan one line with
the light source turned off. (Caution: turning the light source on
and off may cause thermal drift in light intensity as the light
source warms up and cools down.) Scanning multiple black
lines and averaging each pixel from each line will reduce noise
and increase the accuracy of this step.
• Find the minimum pixel value of the scanned black image
(BlackMIN) for each color (Figure 8).
• Reduce the Offset DAC value for each color so that the
minimum black pixel is close to 0, but still greater than 0
(Figure 9). One offset DAC code = ~4.2 ADC LSBs, so change
the DAC code to (31 - BlackMIN/4.2).
• Because the above equation is based on typical LM9812
performance, the new DAC settings should be verified. Scan
another black line(s) with the new DAC values and verify that
all the pixels are still above 0. If any pixels are equal to 0,
increment the DAC value by 1. If the minimum pixel is above 8,
consider decrementing the DAC value by 1. Repeat this step
until the minimum pixel value of the scanned black image
(BlackMIN) for each color is greater than 0 but less than 9.
BlackMIN values greater than 9 are acceptable (they will be
removed by the Pixel Rate Offset Subtractor), but will reduce
the dynamic range of the system.
4.3 Setting the Static PGAs
• Decide on the Target Code for your scanner. This is the
maximum output code from the ADC for a pure white image.
This code may be as large as 1023, but this value could cause
clipping if the light source drifts and becomes brighter after
calibration. A value of 1000 allows for moderate light source
drift between calibration and image scan.
• Scan one line of a pure white test pattern. Scanning multiple
white lines and averaging each pixel from each line will reduce
noise and increase the accuracy of this step.
• Find the maximum white pixel value of the image data
(WhiteMAX) for each color (Figure 10).
• Program the PGA value for each color so that the maximum
white pixel is close to, but still less than the Target Code
(Figure 11). The PGA gain required to meet this condition is
equal to the Target Code divided by WhiteMAX. Using the PGA
gain equation (Equation 1), the PGA code required is:
If the Blue channel requires a gain greater than 3 (Target
Code/WhiteMAX is >3), then set register 2, bit 7=1 and use
Equation 14:
• Program the calculated PGA values for each color into
configuration registers 3, 4, and 5.
• Because the above equations are based on typical LM9812
performance, the new PGA settings should be verified. Scan
another white line(s) with the new PGA values and recalculate
WhiteMAX and WhiteMIN (the minimum ADC output code for the
white image) for each color. Verify that WhiteMAX is near but
still below the Target Code. If WhiteMAX is greater than or
equal to the target code, decrement that PGA value by 1.
•
4.4 Determining the Multiplier Correction Range Setting
• For best performance, repeat Steps 4.2 and 4.3 before
proceeding. This will maximize the available dynamic range of
the ADC and ensure that all the pixels are in range.
• Digitize another white line (or multiple lines) and calculate the
minimum and maximum pixels from that line (WhiteMIN and
WhiteMAX). Verify that WhiteMAX is less than the Target Code.
• The correction range required (Range) = WhiteMAX/WhiteMIN
• If Range < 1.5, then set the Multiplier Range bits (register 9,
bits 3 and 2) to 10 (33%).
Data Pixels
000
Figure 8: Finding BlackMIN
BlackMIN
008
010
ADC
Output
Code
004
00C
014
018
Data Pixels
000
Figure 9: Setting the Static Offset DACs
BlackMIN = 13:
too high
008
010
ADC
Output
Code
004
00C
014
018
BlackMIN = 6:
correct
BlackMIN = 0:
too low
Data Pixels
Figure 10: Finding WhiteMAX
Target Code
ADC
Output
Code
WhiteMAX
Data Pixels
Figure 11: CCD Input Signal In Range
Target Code
ADC
Output
Code
gain too high
gain too low
gain correct
PGA code
Integer
Target Code
White
MAX
---------------------------------0.94
–

 32
2.137
---------------


=
Equation 13: PGA Code Calculation
PGA code
Integer
Target Code
White
MAX
---------------------------------2.82
–

 32
6.411
---------------


=
Equation 14: Blue PGA Code Calculation, x3 Bit Set
Data Pixels
Figure 12: Determining Correction Range Setting
Target Code
ADC
Output
Code
WhiteMAX
WhiteMIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com