Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 20Page - National Semiconductor (TI) LM9812 Datasheet HTML 21Page - National Semiconductor (TI) LM9812 Datasheet HTML 22Page - National Semiconductor (TI) LM9812 Datasheet HTML 23Page - National Semiconductor (TI) LM9812 Datasheet HTML 24Page - National Semiconductor (TI) LM9812 Datasheet HTML 25Page - National Semiconductor (TI) LM9812 Datasheet HTML 26Page - National Semiconductor (TI) LM9812 Datasheet HTML 27Page - National Semiconductor (TI) LM9812 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
24
http://www.national.com
Reset Pulse
Position
(21)
D4
(MSB)
0
0
0
• • •
1
1
1
D3
0
0
0
• • •
1
1
1
D2
0
0
0
• • •
1
1
1
D1
0
0
1
• • •
0
1
1
D0
(LSB)
0
1
0
• • •
1
0
1
Reset Position
(1/(2*fMCLK))
0
1
2
• • •
29
30
31
Reference
Sample
Position
(22)
D4
(MSB)
0
0
0
• • •
1
1
1
D3
0
0
0
• • •
1
1
1
D2
0
0
0
• • •
1
1
1
D1
0
0
1
• • •
0
1
1
D0
(LSB)
0
1
0
• • •
1
0
1
Reference Position
(1/(2*fMCLK))
0
1
2
• • •
29
30
31
Signal
Sample
Position
(23)
D4
(MSB)
0
0
0
• • •
1
1
1
D3
0
0
0
• • •
1
1
1
D2
0
0
0
• • •
1
1
1
D1
0
0
1
• • •
0
1
1
D0
(LSB)
0
1
0
• • •
1
0
1
Signal Position
(1/(2*fMCLK))
0
1
2
• • •
29
30
31
Signal Polarity
(24)
D7
0
1
Negative, CDS On (CCD)
Positive, CDS Off (CIS)
Preview Mode
(24)
D6
0
0
1
1
D5
0
1
0
1
Normal Operation
Normal Operation
2x Speed
4x Speed
SYNC Pulse
(24)
D4
0
1
Externally Supplied (SYNC is Input)
Internally Generated (SYNC is Output)
TR Pulses
(24)
D3
0
1
1 TR Pulse (TR1)
2 TR Pulses (TR1 and TR2)
Red/Blue Order
for GRGB CCDs
(24)
D2
0
1
GR First
GB First
Sensor Type
(24)
D1
0
1
Dual Output (RG-BG)
Triple Output (R-G-B)
Table 2: Configuration Register Parameters (Continued)
Note: t
MCLK = 1/fMCLK = 1 MCLK period. Examples given in parenthesis are for fMCLK = 24MHz (tMCLK = 41.66ns).
Parameter
(Address)
Control Bits
Result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com