Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 2Page - National Semiconductor (TI) LM9812 Datasheet HTML 3Page - National Semiconductor (TI) LM9812 Datasheet HTML 4Page - National Semiconductor (TI) LM9812 Datasheet HTML 5Page - National Semiconductor (TI) LM9812 Datasheet HTML 6Page - National Semiconductor (TI) LM9812 Datasheet HTML 7Page - National Semiconductor (TI) LM9812 Datasheet HTML 8Page - National Semiconductor (TI) LM9812 Datasheet HTML 9Page - National Semiconductor (TI) LM9812 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
http://www.national.com
tWR HOLD
D0-D9 data valid after rising edge of
WR (hold time)
0
ns (min)
AC Electrical Characteristics, MCLK Dependent
The following specifications apply for AGND=DGND=DGNDI/O=0V, VA=VD=VDI/O=+5.0VDC, VREF IN = +2.0VDC, fMCLK=24MHz,
tMCLK=1/fMCLK, tr=tf=5ns, Rs=25Ω, CL (databus loading) = 50pF/pin. Refer to Table 2: Configuration Register Parameters for limits
labeled C.R. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
tR/S START
Rising edge of RUN/STOP to Rising
edge of SYNC
SYNC OUT mode
16
MCLKs (max)
tSTART
Rising edge of SYNC to rising edge
of TR1
SYNC IN mode
SYNC IN mode
SYNC OUT mode
1+tGUARDBAND
13+tGUARDBAND
tGUARDBAND
tGUARDBAND
14+tGUARDBAND
tGUARDBAND
MCLKs (min)
MCLKs (max)
MCLKs
tSYNC END
Falling edge of SYNC to last rising
edge of EOC
SYNC IN mode
SYNC OUT mode
8
0
9
0
MCLKs (max)
MCLKs (max)
tSYNC LOW
SYNC low time
SYNC IN mode
SYNC OUT mode
8
# of EOL
PIxels - 4
MCLKs (min)
Pixel periods
tTR1 WIDTH,
tTR2 WIDTH
TR1, TR2 Transfer Pulse Width
C.R.
MCLKs
tGUARD
TR1, TR2 Transfer Pulse Guardband
C.R.
MCLKs
tRS WIDTH
Reset Pulse Width
C.R.
MCLKs
tCLAMP ON
Start of Optical Black clamping
period
C.R.
MCLKs
tCLAMP OFF
End of Optical Black clamping period
C.R.
MCLKs
tØ
Ø1, Ø2 clock period
Standard Mode
Even/Odd Mode
12
24
MCLKs
MCLKs
tRS
RS pulse position from Ø1 edge
C.R.
MCLKs
tHOLD REF
Reference hold (sample) position
from RS edge
C.R.
MCLKs
tHOLD SIG
Signal hold (sample) position from
RS edge
C.R.
MCLKs
tOCLK LOW
OCLK low time (OCLK as Output)
2 bus mode
1bus mode
2*tMCLK
1*tMCLK
ns
tOCLK HIGH
OCLK high time (OCLK as Output)
2 bus mode
1 bus mode
2*tMCLK
3*tMCLK
ns
tGCLK LOW
GCLK low time (GCLK as Output)
2 bus mode
1 bus mode
2*tMCLK
1*tMCLK
ns
tGCLK HIGH
GCLK high time (GCLK as Output)
2 bus mode
1 bus mode
2*tMCLK
3*tMCLK
ns
AC Electrical Characteristics, MCLK Independent (Continued)
The following specifications apply for AGND=DGND=DGNDI/O=0V, VA=VD=VDI/O=+5.0VDC, VREF IN = +2.0VDC, fMCLK=24MHz,
tMCLK=1/fMCLK, tr=tf=5ns, Rs=25¾, CL (databus loading) = 50pF/pin.
Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com