Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 27Page - National Semiconductor (TI) LM9812 Datasheet HTML 28Page - National Semiconductor (TI) LM9812 Datasheet HTML 29Page - National Semiconductor (TI) LM9812 Datasheet HTML 30Page - National Semiconductor (TI) LM9812 Datasheet HTML 31Page - National Semiconductor (TI) LM9812 Datasheet HTML 32Page - National Semiconductor (TI) LM9812 Datasheet HTML 33Page - National Semiconductor (TI) LM9812 Datasheet HTML 34Page - National Semiconductor (TI) LM9812 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
31
http://www.national.com
the inverse of EOC, plus or minus a few ns of gate delay. To use
an external GLCK and OCLK, determine the phase of the exter-
nal OCLK and GLCK with respect to EOC. Then look at Diagrams
18 and 19 (2 bus mode) or 20 and 21 (1 bus mode). Choose a
phase setting (0° or 180°, register 26 bits 6 and 7) for OCLK and
GCLK that provides the most margin with respect to the tOCLK-
EOC1 (OCLK IN), tOCLK-EOC2 (OCLK IN), and tGCLK-EOC (GCLK IN)
specifications.
It is entirely possible that either setting (0° or 180°) will work
equally well. The condition that must be avoided is when FF3 is
clocked (falling edge of EOC) at the same time the input data to
FF3 is changing (rising edge of OCLK/GCLK for 0° phase, or fall-
ing edge of OCLK/GCLK for 180° phase). As long as this does
not occur simultaneously, the data will be correctly latched.
Note that the coefficient data must appear sooner (relative to the
pixel output data) for the Clock In modes, to account for the extra
latency through FF1 and FF2. This additional time is shown in
Diagrams 18 through 21.
This mode of operation may seem confusing at first, but it is nec-
essary to allow the synchronous LM9812 to phase lock to exter-
nal coefficient data of unknown phase.
1.5.4 MCLK
This is the master clock input for the LM9812. The ADC conver-
sion rate is fixed at 1/4 of this frequency. The pixel rate in 3 chan-
nel mode is 1/12 of the MCLK frequency. Many of the timing
parameters are also relative to the frequency of this clock.
1.5.5 SYNC
This input signals the beginning of a line. When SYNC goes high,
the LM9812 generates a TR pulse, then begins converting pixels
until the SYNC line is brought low again. If SYNC is externally
applied, the LM9812 will work with sensors with any number of
pixels. If SYNC is internally generated (in combination with the
RUN/STOP input), sensors with up to 3 channels of 16383 pix-
els/channel can be used.
1.5.6 RUN/STOP
The LM9812 has a “SYNC OUT” mode (Register 24, bit 4=1) that
automatically generates a SYNC pulse stream based on the num-
ber of active pixels and the number of additional end-of-line inte-
gration pixels programmed into registers 12-15. When the
RUN/STOP pin is brought high, the LM9812 begins generating
the periodic SYNC pulse. When RUN/STOP goes low, the
LM9812 will continue converting the remaining active pixels, then
SYNC will go low and the part will “idle” until the next rising edge
of RUN/STOP.
Using the SYNC OUT mode provides a simple way to clock the
sensor continuously with a repeatable, user-programmed integra-
tion period. By varying the number of end-of-line integration pix-
els (in registers 14 and 15), the integration time (and thus the
amplitude of the output signal from the sensor) can be adjusted
with very high accuracy (about 1 part in 5400, or 0.02%, for a
600dpi sensor).
2.0 PREVIEW MODE OPERATION
The LM9812 supports two “preview” or low resolution modes for
CCD sensors (this mode will not work for CIS sensors). In these
modes, adjacent pixels are averaged together in the analog
domain and converted at the maximum ADC conversion rate.
This allows the CCD data to be clocked out and digitized 2 or 4
times faster (corresponding to a 2 to 4 times faster image scan).
The image will be 1/2 or 1/4 the resolution. For example, a 600dpi
sensor will look like a 300dpi sensor in the x2 preview mode, or a
150dpi sensor in the x4 preview mode. This is useful because it
allows faster scans for lower resolution images and scan preview
images. The quality of the lower resolution image is also signifi-
cantly improved because this technique
averages pixels to
reduce the resolution instead of discarding pixels (which often
results in a loss of image information).
In the x2 preview mode, the Ø clock is clocked at 2 times the nor-
mal Ø clock frequency, while the RS pulse stays at the ADC’s
conversion rate. By skipping every other RS pulse, the charge for
pixel n+1 will be added to the charge for pixel n on the CCD itself.
Since the CCD is being clocked at 2 times the normal rate, the
period between lines (and therefore the integration time) will be
half as long, causing the amplitude of each pixel to be half as
large. Since the output of the CCD is the sum of two pixels, the
final amplitude seen by the LM9812 is very similar to what it is in
normal mode. The final pixel amplitude will be equal to (pn/2 +
pn+1/2) = (pn + pn+1)/2 = the average of pn and pn+1.
The same principle applies in the x4 preview mode. Here the Ø
clock is clocked at 4 times the normal Ø clock frequency, while
the RS pulse stays at the ADC’s conversion rate. By skipping 3
out of 4 RS pulses, the charge for pixels n, n+1, n+2, and n+3 will
be averaged in the CCD’s output stage. Since the CCD is being
clocked at 4 times the normal rate, the period between lines (and
therefore the integration time) will be one quarter as long. The
final pixel amplitude will be equal to (pn + pn+1+ pn+2+ pn+3)/4 =
the average of pn, pn+1, pn+2, and pn+3.
Getting the optimum performance out of the preview modes with
a particular CCD may require adjusting the RS pulse width, RS
pulse position, Sample Reference, and Sample Signal timing
(Registers 21, 22, and 23).
RS
OS
CDS
(Internal)
Diagram 4: x2 Preview Mode Timing
Hold Ref
Hold Signal
Ø1
(Even/Odd Mode)
Ø2
(Even/Odd Mode)
Ø1
(Standard Mode)
Ø2
(Standard Mode)
9
pn
pn+1
3
1.5 1.5
3
6
6
All lengths given in units of MCLK periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com