Electronic Components Datasheet Search
  English  ▼

X  

LM9812 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 25Page - National Semiconductor (TI) LM9812 Datasheet HTML 26Page - National Semiconductor (TI) LM9812 Datasheet HTML 27Page - National Semiconductor (TI) LM9812 Datasheet HTML 28Page - National Semiconductor (TI) LM9812 Datasheet HTML 29Page - National Semiconductor (TI) LM9812 Datasheet HTML 30Page - National Semiconductor (TI) LM9812 Datasheet HTML 31Page - National Semiconductor (TI) LM9812 Datasheet HTML 32Page - National Semiconductor (TI) LM9812 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
29
http://www.national.com
1.4.2 RS
The LM9812 also generates the RS (reset) pulse required to
clear the CCD’s output capacitor of the previous pixel’s charge.
The RS pulse’s width and position (relative to the edge of the ø1
pulse) is determined by the value in Configuration Register 21.
See Diagrams 10 and 12. The polarity of the RS pulse is deter-
mined by Register 26, bit 1. If not needed, this pulse can be dis-
abled by setting Register 25, bit 2 to a 1.
1.4.3 ø1 and ø2
ø1 and ø2 are the two phase clock for the CCD shift register. ø2
is always the inverse of ø1. For “standard” CCDs, the ø1 and ø2
frequency is equal to the pixel rate, the same frequency as the
RS pulse. In Standard Mode, the RS pulse position and Sample
Reference/Sample Signal edges are set with respect to the falling
edge of ø1. For “even/odd” CCDs, the ø1 and ø2 frequency is
equal to one half the pixel rate, a pixels is sampled after both the
rising and falling edges of the ø clock. In Even/Odd Mode, the RS
pulse position and Sample Reference/Sample Signal edges are
set with respect to the either edge of ø1. Standard or Even/Odd
mode is selected by setting bit 0 of Register 24. The absolute
polarity of the ø pulses is determined by Register 26, bits 0 and 4
(both bits perform the same function). If not needed, one or both
ø pulses can be disabled by setting Register 25, bits 0 and 1 to
the appropriate value.
1.5 DIGITAL INTERFACE
There are three main sections to the digital interface of the
LM9812: the Configuration Register interface (through which all
device programming is done), the Correction Coefficient Data
interface (the 10 bit-wide input databus for gain and offset correc-
tion coefficients), and the 10 bit-wide Pixel Data output databus
(where the corrected digital output data appears).
1.5.1 Configuration Register I/O
The Configuration Register is written to and read from through
the D0-D9 databus, using the CS, WR, and RD signals. To write
to the Configuration Register, follow the timing shown in Diagram
24. The first byte is the address of the Configuration Register to
be written to, the second byte is the data to be stored at that
address. Configuration Register writes can occur at any time,
independent of the state of the SYNC pin.
To read from the Configuration Register, follow the timing shown
in Diagram 25. The first byte is the address of the Configuration
Register to be written to, the second byte is the data stored at that
address. The SYNC pin must be low in order to read from the
Configuration Register. To ensure that SYNC is low when in the
SYNC out mode, RUN/STOP must be low until the end of the
active pixels.
If the LM9812’s RD pin is taken low,
even if the CS pin is high, the
D0-D9 databus will be driven. Never take the RD pin low unless
you are actually doing a Configuration Register read.
1.5.2 Pixel Data I/O
The output of the multiplier is available on the D0-D9 databus. If
the Data Read Phase bit (bit 5 of Register 26) is set to a 0, Data
changes shortly before the falling edge of EOC and remains valid
for tDATAVALID. If the Data Read Phase bit is set to a 1, Data
changes shortly before the rising edge of EOC and remains valid
for tDATAVALID. The D0-D9 databus comes out of tri-state when
SYNC is high and RD PIXEL is low. If SYNC is low, RD PIXEL will
have no effect.
When reading pixel data, RD PIXEL may be driven by EOC, put-
ting the data on the bus only when EOC is low, and allowing other
data on the bus (such as CD0-CD9 correction data) at other
times. In this way the output data and correction coefficient data
can share the same databus (See Diagrams 16, 17, 20, and 21).
1.5.3 Correction Coefficient Data I/O
Coefficient data for the pixel rate Offset Subtractor and Shading
Multiplier enters the LM9812 through the CD0-CD9 databus. To
maximize flexibility for the system designer, there are several
clocking options available in this mode: separate or combined
buses for the CD0-CD9 and the D0-D9 data, one (GLCK) or two
(GLCK and OCLK) clock signals to latch the Correction Coeffi-
cient data, and the option to have the LM9812 generate the clock
signals or have them supplied to the LM9812. Timing for these
different options is shown in Diagrams 14 through 21, and
described below.
Diagram 14 shows the case where the correction data (CD0-
CD9) is on a separate bus from the output data (D0-D9) (Register
9, bit 4=0). The GLCK and OCLK signals are generated by the
LM9812 (Register 9, bit 5=0, bit 7=1). Gain correction data is
latched on the rising edge of GCLK, and offset correction data is
latched on the rising edge of OCLK. There is a one EOC clock
latency between the latching of the gain coefficient for a particular
pixel and the output of that pixel on the D0-D9 databus.
Diagram 15 shows the case where the correction data (CD0-
CD9) is on a separate bus from the output data (D0-D9) (Register
9, bit 4=0). The LM9812 generates the GCLK signal only (Regis-
ter 9, bit 5=1, bit 7=1). Gain correction data is latched on the ris-
ing edge of GCLK, and offset correction data is latched on the
falling edge of GCLK. There is a one EOC clock latency between
the latching of the gain coefficient for a particular pixel and the
output of that pixel on the D0-D9 databus.
Diagram 16 shows the case where the correction data (CD0-
CD9) is on the same bus as the output data (D0-D9) (Register 9,
bit 4=1). The GLCK and OCLK signals are generated by the
LM9812 (Register 9, bit 5=0, bit 7=1). Gain correction data is
latched on the rising edge of GCLK, and offset correction data is
latched on the rising edge of OCLK. Using the EOC output to
control the RD PIXEL input allows the CD0-CD9 and the D0-D9
data to exist on the same bus with no contention. There is a one
CD0-CD9 tied to
D0-D9
(1 bus)
CD0-CD9
separate from
D0-D9
(2 bus)
GLCK, OCLK are
outputs (2 Clock)
Diagram 16
Diagram 14
GLCK is output
(1 Clock)
Diagram 17
Diagram 15
GLCK, OCLK are
inputs
Diagrams 20, 21
Diagrams 18, 19
Table 3:Correction Databus Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com