Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 40 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 36Page - Analog Devices ADT7516 Datasheet HTML 37Page - Analog Devices ADT7516 Datasheet HTML 38Page - Analog Devices ADT7516 Datasheet HTML 39Page - Analog Devices ADT7516 Datasheet HTML 40Page - Analog Devices ADT7516 Datasheet HTML 41Page - Analog Devices ADT7516 Datasheet HTML 42Page - Analog Devices ADT7516 Datasheet HTML 43Page - Analog Devices ADT7516 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 40 of 44
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
ACK. BY
ADT7516/ADT7517/ADT7519
ACK. BY
ADT7516/ADT7517/ADT7519
ACK. BY
ADT7516/ADT7517/ADT7519
STOP BY
MASTER
FRAME 3
DATA BYTE
SDA (CONTINUED)
SCL (CONTINUED)
SCL
SDA
START BY
MASTER
1
0
0
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
9
D7
D6
D5
D4
D3
D 2
D 1
D0
R/W
1
9
1
9
1
Figure 61. I2C—Writing to the Address Pointer Register Followed by a Single Byte of Data to the Selected Register
1
SDA
START BY
MASTER
STOP BY
MASTER
NO ACK. BY
MASTER
ACK. BY
ADT7616/ADT7517/ADT7519
SCL
9
0
0
1
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
SINGLE DATA BYTE FROM ADT7516/ADT7517/ADT7519
1
9
1
Figure 62. I2C—Reading a Single Byte of Data from a Selected Register
Write Operation
Figure 63 shows the timing diagram for a write operation to the
ADT7516/ADT7517/ADT7519. Data is clocked into the reg-
isters on the rising edge of SCLK. When the CS line is high, the
DIN and DOUT lines are in three-state mode. Only when the
CS goes from a high to a low does the part accept any data on
the DIN line. In SPI mode, the address pointer register is cap-
able of auto-incrementing to the next register in the register
map without having to load the address pointer register each
time. In Figure 63, the register address portion gives the first
register that will be written to. Subsequent data bytes will be
written into sequential writable registers. Thus, after each data
byte has been written into a register, the address pointer register
auto-increments its value to the next available register. The
address pointer register will auto-increment from 00h to 3Fh
and will loop back to start again at 00h when it reaches 3Fh.
Read Operation
Figure 64 to Figure 66 show the timing diagrams necessary to
accomplish correct read operations. To read back from a reg-
ister, first write to the address pointer register with the address
of the register to be read from. This operation is shown in
Figure 64. Figure 65 shows the procedure for reading back a
single byte of data. The read command is first sent to the part
during the first eight clock cycles. During the following eight
clock cycles, the data contained in the register selected by the
address pointer register is output onto the DOUT line. Data is
output onto the DOUT line on the falling edge of SCLK. Figure 66
shows the procedure when reading data from two sequential
registers. Multiple data reads are possible in the SPI interface
mode as the address pointer register is auto-incremental. The
address pointer register will auto-increment from 00h to 3Fh
and will loop back to start again at 00h when it reaches 3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com