Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 23 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 19Page - Analog Devices ADT7516 Datasheet HTML 20Page - Analog Devices ADT7516 Datasheet HTML 21Page - Analog Devices ADT7516 Datasheet HTML 22Page - Analog Devices ADT7516 Datasheet HTML 23Page - Analog Devices ADT7516 Datasheet HTML 24Page - Analog Devices ADT7516 Datasheet HTML 25Page - Analog Devices ADT7516 Datasheet HTML 26Page - Analog Devices ADT7516 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 23 of 44
FUNCTIONAL DESCRIPTION—ANALOG INPUTS
Single-Ended Inputs
The ADT7516/ADT7517/ADT7519 offer four single-ended
analog input channels. The analog input range is from 0 V to
2.28 V, or 0 V to VDD. To maintain the linearity specification, it is
recommended that the maximum VDD value be set at 5 V.
Selection between the two input ranges is done by Bit C4 of the
Control Configuration 3 register (Address 1Ah). Setting this bit
to 0 sets up the analog input ADC reference to be sourced from
the internal voltage reference of 2.28 V. Setting the bit to 1 sets
up the ADC reference to be sourced from VDD.
The ADC resolution is 10 bits and is mostly suitable for dc input
signals. Bits C1:2 of the Control Configuration 1 register
(Address 18h) are used to set up Pins 7 and 8 as AIN1 and
AIN2. Figure 48 shows the overall view of the 4-channel analog
input path.
M
U
L
T
I
P
L
E
X
E
R
10-BIT
ADC
TO ADC
VALUE
REGISTER
AIN1
AIN2
AIN3
AIN4
Figure 48. Quad Analog Input Path
Converter Operation
The analog input channels use a successive approximation ADC
based on a capacitor DAC. Figure 49 and Figure 50 show sim-
plified schematics of the ADC. Figure 49 shows the ADC during
acquisition phase. SW2 is closed and SW1 is in Position A. The
comparator is held in a balanced condition and the sampling
capacitor acquires the signal on AIN.
CONTROL
LOGIC
CAP DAC
ACQUISITION
PHASE
SAMPLING
CAPACITOR
COMPARATOR
INT VREF
REF
VDD
AIN
SW1
A
B
SW2
REF/2
Figure 49. ADC Acquisition Phase
CONTROL
LOGIC
CAP DAC
CONVERSION
PHASE
SAMPLING
CAPACITOR
COMPARATOR
INT VREF
REF
VDD
AIN
SW1
A
B
SW2
REF/2
Figure 50. ADC Conversion Phase
When the ADC eventually goes into conversion phase (see
Figure 50), SW2 opens and SW1 moves to position B, causing
the comparator to become unbalanced. The control logic and
the DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator back into
a balanced condition. When the comparator is rebalanced, the
conversion is complete. The control logic generates the ADC
output code. Figure 51 shows the ADC transfer function for the
analog inputs.
ADC TRANSFER FUNCTION
The output coding of the ADT7516/ADT7517/ADT7519 analog
inputs is straight binary. The designed code transitions occur
midway between successive integer LSB values (i.e., 1/2 LSB,
3/2 LSB). The LSB is VDD/1024 or internal VREF/1024, internal
VREF = 2.28 V. The ideal transfer characteristic is shown in
Figure 51.
111...111
111...110
111...000
011...111
+VREF – 1LSB
0V 1/2LSB
ANALOG INPUT
1LSB = INT VREF/1024
1LSB = VDD/1024
000...010
000...001
000...000
Figure 51. Single-Ended Transfer Function
To work out the voltage on any analog input channel, the
following method can be used:
1 LSB = reference (v)/1024
Convert value read back from AIN value register into decimal.
()
size
LSB
d
value
AIN
voltage
AIN
×
=
d = decimal
Example:
Internal reference used. Therefore VREF = 2.28 V.
AIN value = 512d
3
10
226
.
2
1024
/
28
.
2
1
−
×
=
=
V
size
LSB
V
voltage
AIN
14
.
1
10
226
.
2
512
3
=
×
×
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com