Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 32 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 28Page - Analog Devices ADT7516 Datasheet HTML 29Page - Analog Devices ADT7516 Datasheet HTML 30Page - Analog Devices ADT7516 Datasheet HTML 31Page - Analog Devices ADT7516 Datasheet HTML 32Page - Analog Devices ADT7516 Datasheet HTML 33Page - Analog Devices ADT7516 Datasheet HTML 34Page - Analog Devices ADT7516 Datasheet HTML 35Page - Analog Devices ADT7516 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 32 of 44
DAC D Register LSBs (Read/Write) [Add. = 16h]
This 8-bit read/write register contains the 4/2 LSBs of the
ADT7516/ADT7517 DAC D word, respectively. The value in
this register is combined with the value in the DAC D register
MSBs and converted to an analog voltage on the VOUT-D pin.
On power-up, the voltage output on the VOUT-D pin is 0 V.
Table 34. DAC D (ADT7516) LSBs
D7
D6
D5
D4
D3
D2
D1
D0
B3
B2
B1
LSB
N/A
N/A
N/A
N/A
0*
0*
0*
0*
N/A
N/A
N/A
N/A
*Default settings at power-up.
Table 35. DAC D (ADT7517) LSBs
D7
D6
D5
D4
D3
D2
D1
D0
B1
LSB
N/A
N/A
N/A
N/A
N/A
N/A
0*
0*
N/A
N/A
N/A
N/A
N/A
N/A
*Default settings at power-up.
DAC D Register MSBs (Read/Write) [Add. = 17h]
This 8-bit read/write register contains the eight MSBs of the
DAC D word. The register value combines with the value in the
DAC D register LSBs and converts to an analog voltage on the
VOUT-D pin. On power-up, the voltage output on the VOUT-D pin
is 0 V.
Table 36. DAC D MSBs
D7
D6
D5
D4
D3
D2
D1
D0
MSB
B8
B7
B6
B5
B4
B3
B2
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
Control Configuration 1 Register (Read/Write)
[Add. = 18h]
This configuration register is an 8-bit read/write register that is
used to set up some of the operating modes of the ADT7516/
ADT7517/ADT7519.
Table 37. Control Configuration 1
D7
D6
D5
D4
D3
D2
D1
D0
PD
C6
C5
C4
C3
C2
C1
C0
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
Table 38.
Bit
Function
C0
This bit enables/disables conversions in round robin
and single-channel mode. ADT7516/ADT7517/ADT7519
powers up in round robin mode but monitoring is not
initiated until this bit is set. The default = 0.
0 = Stop monitoring.
1 = Start monitoring.
C2:C1
Selects between the two different analog inputs on Pins
7 and 8. ADT7516/ADT7517/ADT7519 powers up with
AIN1 and AIN2 selected.
00 = AIN1 and AIN2 selected.
01 = Undefined.
10 = External TDM selected.
11 = Undefined.
C3
Selects between digital (LDAC) and analog inputs (AIN3)
on Pin 9. When AIN3 is selected, Bit C3 of the Control
Configuration 3 register is masked and has no effect
until LDAC is selected as the input on Pin 9.
0 = LDAC selected.
1 = AIN3 selected.
C4
Reserved. Write 0 only.
C5
0 = Enable INT/INT output.
1 = Disable INT/INT output.
C6
Configures INT/INT output polarity.
0 = Active low.
1 = Active high.
PD
Power-Down Bit. Setting this bit to 1 puts the
ADT7516/ADT7517/ADT7519 into standby mode. In this
mode, both ADC and DACs are fully powered down, but
the serial interface is still operational. To power up the
part again, just write 0 to this bit.
Control Configuration 2 Register (Read/Write)
[Add. = 19h]
This configuration register is an 8-bit read/write register that is
used to set up some of the operating modes of the ADT7516/
ADT7517/ADT7519.
Table 39. Control Configuration 2
D7
D6
D5
D4
D3
D2
D1
D0
C7
C6
C5
C4
C3
C2
C1
C0
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com