Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 34 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 30Page - Analog Devices ADT7516 Datasheet HTML 31Page - Analog Devices ADT7516 Datasheet HTML 32Page - Analog Devices ADT7516 Datasheet HTML 33Page - Analog Devices ADT7516 Datasheet HTML 34Page - Analog Devices ADT7516 Datasheet HTML 35Page - Analog Devices ADT7516 Datasheet HTML 36Page - Analog Devices ADT7516 Datasheet HTML 37Page - Analog Devices ADT7516 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 34 of 44
LDAC Configuration Register (Write-Only) [Add. = 1Ch]
This configuration register is an 8-bit write register that is used
to control the updating of the quad DAC outputs if the LDAC
pin is disabled and Bits D4:D5 of the DAC configuration reg-
ister are both set to 1. Also selects either the internal or external
VREF for all four DACs. Bits D0:D3 in this register are self-clear-
ing, i.e., reading back from this register will always give 0s for
these bits.
Table 45. LDAC Configuration
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
Table 46.
Bit
Function
D0
Writing a 1 to this bit will generate the LDAC command
to update DAC A output only.
D1
Writing a 1 to this bit will generate the LDAC command
to update DAC B output only.
D2
Writing a 1 to this bit will generate the LDAC command
to update DAC C output only.
D3
Writing a 1 to this bit will generate the LDAC command
to update DAC D output only.
D4
Selects either internal VREF or external VREF for DACs A
and B.
0 = External VREF
1 = Internal VREF.
D5
Selects either internal VREF or external VREF for DACs C
and D.
0 = External VREF
1 = Internal VREF
D6:D7
Reserved. Write 0s only.
Interrupt Mask 1 Register (Read/Write) [Add. = 1Dh]
This mask register is an 8-bit read/write register that can be
used to mask any interrupts that can cause the INT/INT pin to
go active.
Table 47. Interrupt Mask 1
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
Table 48.
Bit
Function
D0
0 = Enable internal THIGH interrupt.
1 = Disable internal THIGH interrupt.
D1
0 = Enable internal TLOW interrupt.
1 = Disable internal TLOW interrupt.
D2
0 = Enable external THIGH interrupt or AIN1 interrupt.
1 = Disable external THIGH interrupt or AIN1 interrupt.
D3
0 = Enable external TLOW interrupt.
1 = Disable external TLOW interrupt.
D4
0 = Enable external temperature fault interrupt.
1 = Disable external temperature fault interrupt.
D5
0 = Enable AIN2 interrupt.
1 = Disable AIN2 interrupt.
D6
0 = Enable AIN3 interrupt.
1 = Disable AIN3 interrupt.
D7
0 = Enable AIN4 interrupt.
1 = Disable AIN4 interrupt.
Interrupt Mask 2 Register (Read/Write) [Add. = 1Eh]
This mask register is an 8-bit read/write register that can be
used to mask any interrupts that can cause the INT/INT pin to
go active.
Table 49. Interrupt Mask 2
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
Table 50.
Bit
Function
D0:D3
Reserved. Write 0s only.
D4
0 = Enable VDD interrupts.
1 = Disable VDD interrupts.
D5:D7
Reserved. Write 0s only.
Internal Temperature Offset Register (Read/Write)
[Add. = 1Fh]
This register contains the offset value for the internal temp-
erature channel. A twos complement number can be written to
this register which is then added to the measured result before it
is stored or compared to limits. In this way, a one-point cali-
bration can be done whereby the whole transfer function of the
channel can be moved up or down. From a software point of
view, this may be a very simple method to vary the charac-
teristics of the measurement channel if the thermal charac-
teristics change. Because it is an 8-bit register, the temperature
resolution is 1°C.
Table 51. Internal Temperature Offset
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
0*
0*
0*
0*
0*
0*
0*
0*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com