Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 17 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 13Page - Analog Devices ADT7516 Datasheet HTML 14Page - Analog Devices ADT7516 Datasheet HTML 15Page - Analog Devices ADT7516 Datasheet HTML 16Page - Analog Devices ADT7516 Datasheet HTML 17Page - Analog Devices ADT7516 Datasheet HTML 18Page - Analog Devices ADT7516 Datasheet HTML 19Page - Analog Devices ADT7516 Datasheet HTML 20Page - Analog Devices ADT7516 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 17 of 44
VDD (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
–3
–2
–1
0
1
2
3
OFFSET ERROR
GAIN ERROR
Figure 34. ADC Offset Error and Gain Error vs. VDD
15
–10
–5
0
5
10
–15
–20
–25
010
20
PCB LEAKAGE RESISTANCE (M
Ω)
30
40
50
60
70
80
90
100
VDD =3.3V
TEMPERATURE = 25
°C
D+ TO GND
D+ TO VCC
Figure 35. External Temperature Error vs. PCB Leakage Resistance
–60
–50
–40
–30
–20
–10
0
VDD =3.3V
0
5
10
15
20
25
CAPACITANCE (nF)
30
35
40
45
50
Figure 36. External Temperature Error vs. Capacitance between D+ and D–
10
0
2
4
6
8
–2
–4
–6
NOISE FREQUENCY (Hz)
VDD = 3.3V
COMMON-MODE
VOLTAGE = 100mV
1
100
200
300
400
500
600
Figure 37. External Temperature Error vs. Common-Mode Noise Frequency
70
20
30
40
50
60
10
0
–10
1
100
200
NOISE FREQUENCY (MHz)
300
400
500
600
VDD = 3.3V
DIFFERENTIAL-MODE
VOLTAGE = 100mV
Figure 38. External Temperature Error vs. Differential-Mode Noise Frequency
NOISE FREQUENCY (Hz)
±250mV
VDD = 3.3V
1
100
200
300
400
500
600
0.6
–0.4
–0.2
0
0.2
0.4
–0.6
Figure 39. Internal Temperature Error vs. Power Supply Noise Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com