Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 27 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 23Page - Analog Devices ADT7516 Datasheet HTML 24Page - Analog Devices ADT7516 Datasheet HTML 25Page - Analog Devices ADT7516 Datasheet HTML 26Page - Analog Devices ADT7516 Datasheet HTML 27Page - Analog Devices ADT7516 Datasheet HTML 28Page - Analog Devices ADT7516 Datasheet HTML 29Page - Analog Devices ADT7516 Datasheet HTML 30Page - Analog Devices ADT7516 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 27 of 44
If a discrete transistor is used, the collector will not be
grounded, and should be linked to the base. If a PNP transistor
is used, the base is connected to the D– input and the emitter to
the D+ input. If an NPN transistor is used, the emitter is
connected to the D– input and the base to the D+ input.
A 2N3906 is recommended as the external transistor.
To prevent ground noise interfering with the measurement, the
more negative terminal of the sensor is not referenced to
ground, but is biased above ground by an internal diode at the
D– input. As the sensor is operating in a noisy environment, C1
is provided as a noise filter. See the Layout Considerations
section for more information on C1.
To measure ∆VBE, the sensor is switched between operating
currents of I and N × I. The resulting waveform is passed
through a low-pass filter to remove noise, then to a chopper-
stabilized amplifier that performs the functions of amplification
and rectification of the waveform to produce a dc voltage
proportional to ∆VBE. This voltage is measured by the ADC to
give a temperature output in 10-bit twos complement format. To
further reduce the effects of noise, digital filtering is performed
by averaging the results of 16 measurement cycles.
Layout Considerations
Digital boards can be electrically noisy environments, and care
must be taken to protect the analog inputs from noise, particu-
larly when measuring the very small voltages from a remote
diode sensor. The following precautions should be taken:
1.
Place the ADT7516/ADT7517/ADT7519 as close as
possible to the remote sensing diode. Provided that the
worst noise sources such as clock generators, data/address
buses, and CRTs are avoided, this distance can be 4 inches
to 8 inches.
2.
Route the D+ and D– tracks close together, in parallel, with
grounded guard tracks on each side. Provide a ground
plane under the tracks, if possible.
3.
Use wide tracks to minimize inductance and reduce noise
pickup. A 10 mil track minimum width and spacing is
recommended.
GND
D+
D–
GND
10 MIL
10 MIL
10 MIL
10 MIL
10 MIL
10 MIL
10 MIL
Figure 54. Arrangement of Signal Tracks
4.
Try to minimize the number of copper/solder joints, which
can cause thermocouple effects. Where copper/solder
joints are used, make sure that they are in both the D+ and
D– path and at the same temperature.
Thermocouple effects should not be a major problem
because 1°C corresponds to about 240 µV, and
thermocouple voltages are about 3 µV/°C of temperature
difference. Unless there are two thermocouples with a big
temperature differential between them, thermocouple
voltages should be much less than 200 mV.
5.
Place 0.1 µF bypass and 2200 pF input filter capacitors
close to the ADT7516/ADT7517/ADT7519.
6.
If the distance to the remote sensor is more than 8 inches,
the use of twisted-pair cable is recommended. This will
work up to about 6 feet to 12 feet.
7.
For long distances (up to 100 feet), use shielded twisted-
pair cable, such as Belden #8451 microphone cable. Con-
nect the twisted pair to D+ and D–. and the shield to GND
close to the ADT7516/ADT7517/ADT7519. Leave the
remote end of the shield unconnected to avoid ground
loops.
Because the measurement technique uses switched current
sources, excessive cable and/or filter capacitance can affect the
measurement. When using long cables, the filter capacitor may
be reduced or removed.
Cable resistance can also introduce errors. Series resistance of
1 Ω introduces about 0.5°C error.
Temperature Value Format
One LSB of the ADC corresponds to 0.25°C. The ADC can
theoretically measure a temperature span of 255°C. The internal
temperature sensor is guaranteed to a low value limit of –40°C.
It is possible to measure the full temperature span using the
external temperature sensor. The temperature data format is
shown in Table 9.
The result of the internal or external temperature measure-
ments is stored in the temperature value registers, and is com-
pared with limits programmed into the internal or external high
and low registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com