Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 14 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 10Page - Analog Devices ADT7516 Datasheet HTML 11Page - Analog Devices ADT7516 Datasheet HTML 12Page - Analog Devices ADT7516 Datasheet HTML 13Page - Analog Devices ADT7516 Datasheet HTML 14Page - Analog Devices ADT7516 Datasheet HTML 15Page - Analog Devices ADT7516 Datasheet HTML 16Page - Analog Devices ADT7516 Datasheet HTML 17Page - Analog Devices ADT7516 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 14 of 44
0.30
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VREF (V)
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
INL WCP
DNL WCP
DNL WCN
INL WCN
Figure 16. ADT7519 DAC INL and DNL Error vs. VREF
0.14
–40
110
80
50
20
–10
TEMPERATURE (
°C)
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
DNL WCN
INL WCP
INL WCN
DNL WCP
Figure 17. ADT7519 DAC INL Error and DNL Error vs. Temperature
0
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (
°C)
–1.8
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
OFFSET ERROR
GAIN ERROR
Figure 18. DAC Offset Error and Gain Error vs. Temperature
–20
–15
–10
–5
0
5
10
2.7
3.3
3.6
4.0
VDD (V)
4.5
5.0
5.5
OFFSET ERROR
GAIN ERROR
VREF = 2.25V
Figure 19. DAC Offset Error and Gain Error vs. VDD
SOURCE CURRENT
SINK CURRENT
2.505
2.465
2.470
2.475
2.480
2.485
2.490
2.495
2.500
01
2
3
CURRENT (mA)
45
6
VDD =5V
VREF =5V
DAC OUTPUT
LOADED TO MIDSCALE
Figure 20. DAC VOUT Source and Sink Current Capability
0
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (
°C)
–1.8
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
OFFSET ERROR
GAIN ERROR
Figure 21. Supply Current vs. DAC Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com