Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 30 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 26Page - Analog Devices ADT7516 Datasheet HTML 27Page - Analog Devices ADT7516 Datasheet HTML 28Page - Analog Devices ADT7516 Datasheet HTML 29Page - Analog Devices ADT7516 Datasheet HTML 30Page - Analog Devices ADT7516 Datasheet HTML 31Page - Analog Devices ADT7516 Datasheet HTML 32Page - Analog Devices ADT7516 Datasheet HTML 33Page - Analog Devices ADT7516 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 30 of 44
Internal Temperature Value/VDD Value Register LSBs
(Read-Only) [Add. = 03h]
This 8-bit read-only register stores the two LSBs of the 10-bit
temperature reading from the internal temperature sensor and
the two LSBs of the 10-bit supply voltage reading.
Table 15. Internal Temperature/VDD LSBs
D7
D6
D5
D4
D3
D2
D1
D0
N/A
N/A
N/A
N/A
V1
LSB
T1
LSB
N/A
N/A
N/A
N/A
0*
0*
0*
0*
*Default settings at power-up.
Table 16.
Bit
Function
D0
LSB of Internal Temperature Value.
D1
B1 of Internal Temperature Value.
D2
LSB of VDD Value.
D3
B1 of VDD Value.
External Temperature Value and Analog Inputs 1 to 4
Register LSBs (Read-Only) [Add. = 04h]
This is an 8-bit read-only register. Bits D2:D7 store the two LSBs
of the analog inputs AIN2–AIN4. Bits D0:D1 store the two LSBs
of either the external temperature value or AIN1 input value.
The type of input for D0 and D1 is selected by Bits C1:C2 of the
Control Configuration Register 1.
Table 17. External Temperature and AIN1 to AIN4 LSBs
D7
D6
D5
D4
D3
D2
D1
D0
A4
A4LSB
A3
A3LSB
A2
A2LSB
T/A
T/ALSB
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
Table 18.
Bit
Function
D0
LSB of External Temperature Value or AIN1 Value.
D1
Bit 1 of External Temperature Value or AIN1 Value.
D2
LSB of AIN2 Value.
D3
Bit 1 of AIN2 Value.
D4
LSB of AIN3 Value.
D5
Bit 1 of AIN3 Value.
D6
LSB of AIN4 Value.
D7
Bit 1 of AIN4 Value.
VDD Value Register MSBs (Read-Only) [Add. = 6h]
This 8-bit read-only register stores the supply voltage value. The
eight MSBs of the 10-bit value are stored in this register.
Table 19. VDD Value MSBs
D7
D6
D5
D4
D3
D2
D1
D0
V9
V8
V7
V6
V5
V4
V3
V2
x*
x*
x*
x*
x*
x*
x*
x*
*Loaded with VDD value after power-up.
Internal Temperature Value Register MSBs (Read-Only)
[Add. = 07h]
This 8-bit read-only register stores the internal temperature
value from the internal temperature sensor in twos complement
format. The eight MSBs of the 10-bit value are stored in this
register.
Table 20. Internal Temperature Value MSBs
D7
D6
D5
D4
D3
D2
D1
D0
T9
T8
T7
T6
T5
T4
T3
T2
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
External Temperature Value or Analog Input AIN1
Register MSBs (Read-Only) [Add. = 08h]
This 8-bit read-only register stores, if selected, the external
temperature value or the analog input AIN1 value. Selection is
done in the Control Configuration 1 register. The external
temperature value is stored in twos complement format. The
eight MSBs of the 10-bit value are stored in this register.
Table 21. External Temperature Value/Analog Inputs MSBs
D7
D6
D5
D4
D3
D2
D1
D0
T/A9
T/A8
T/A7
T/A6
T/A5
T/A4
T/A3
T/A2
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
AIN2 Register MSBs (Read) [Add. = 09h]
This 8-bit read register contains the eight MSBs of the AIN2
analog input voltage word. The value in this register is com-
bined with Bits D2:3 of the external temperature value and
Analog Inputs 1 to 4 register LSBs, Address 04h, to give the full
10-bit conversion result of the analog value on the AIN2 pin.
Table 22. AIN2 MSBs
D7
D6
D5
D4
D3
D2
D1
D0
MSB
A8
A7
A6
A5
A4
A3
A2
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
AIN3 Register MSBs (Read) [Add. = 0Ah]
This 8-bit read register contains the eight MSBs of the AIN3
analog input voltage word. The value in this register is com-
bined with Bits D4:5 of the external temperature value and
Analog Inputs 1 to 4 register LSBs, Address 04h, to give the full
10-bit conversion result of the analog value on the AIN3 pin.
Table 23. AIN3 MSBs
D7
D6
D5
D4
D3
D2
D1
D0
MSB
A8
A7
A6
A5
A4
A3
A2
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com