Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 22 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 18Page - Analog Devices ADT7516 Datasheet HTML 19Page - Analog Devices ADT7516 Datasheet HTML 20Page - Analog Devices ADT7516 Datasheet HTML 21Page - Analog Devices ADT7516 Datasheet HTML 22Page - Analog Devices ADT7516 Datasheet HTML 23Page - Analog Devices ADT7516 Datasheet HTML 24Page - Analog Devices ADT7516 Datasheet HTML 25Page - Analog Devices ADT7516 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 22 of 44
BIAS
DIODE
INTERNAL
SENSE
TRANSISTOR
VDD
TO ADC
VOUT+
VOUT–
I
N
× I
IBIAS
Figure 46. Top Level Structure of Internal Temperature Sensor
Table 7. Thermal Voltage Output (0 V to 2VREF)
O/P Voltage (V)
Default °C
Max °C
Sample °C
0
–40
–128
0
0.25
–26
–114
+14
0.5
+12
–100
+28
0.75
+3
–85
+43
1
+17
–71
+57
1.12
+23
–65
+63
1.47
+43
–45
+83
1.5
+45
–43
+85
2
+73
–15
+113
2.25
+88
0
+127
2.5
+102
+14
UDB
∗
2.75
+116
+28
UDB
∗
3
UDB
∗
+42
UDB
∗
3.25
UDB
∗
+56
UDB
∗
3.5
UDB
∗
+70
UDB
∗
3.75
UDB
∗
+85
UDB
∗
4
UDB
∗
+99
UDB
∗
4.25
UDB
∗
+113
UDB
∗
4.5
UDB
∗
+127
UDB
∗
Negative temperatures:
()
(
) 128
0
+
=
Temp
V
d
Code
Register
Offset
where:
D7 of Offset Register Code is set to 1 for negative temperatures.
Example:
() ()
58h
d
d
Code
Register
Offset
=
=
+
−
=
88
128
40
Since a negative temperature has been inserted into the
equation, DB7 (MSB) of the offset register code is set to 1.
Therefore 58h becomes D8h.
58h + DB7(1) = D8h
Positive temperatures:
Offset Register Code (d) = 0 V Temp
Example:
Offset Register Code (d) = 10d = 0Ah
The following equation is used to work out the various
temperatures for the corresponding 8-bit DAC output:
(
) (
)
Temp
V
LSB
P
O
DAC
Temp
Bit
0
1
/
8
+
÷
=
−
For example, if the output is 1.5 V, VREF-IN = 2.25 V, 8-bit DAC
has an LSB size = 2.25 V/256 = 8.79 × 10–3, and 0 V temp is at
–128°C, then the resultant temperature is
(
) ()
C
°
+
=
−
+
×
÷
−
43
128
10
79
.
8
5
.
1
3
The following equation is used to work out the various
temperatures for the corresponding 10-bit DAC output:
10-Bit Temp = ((DAC O/P ÷ 1 LSB) × 0.25) + (0 V Temp)
For example, if the output is 0.4991 V, VREF-IN = 2.25 V, 10-bit
DAC has an LSB size = 2.25 V/1024 = 2.197 × 10–3, and 0 V
temp is at –40°C, then the resulting temperature is
(((0.4991 ÷ 2.197 × 10–3) × 0.25) + (–40) = +16.75°C
Figure 47 shows a graph of the DAC output versus temperature
for a VREF-IN = 2.25 V.
TEMPERATURE (
°C)
0
0.15
–128–110 –90 –70 –50 –30 –10 10
30
50
70
90 110 127
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
1.50
1.65
1.80
1.95
2.10
2.25
0V = –128
°C
0V = –40
°C
0V = 0
°C
Figure 47. DAC Output vs. Temperature VREF-IN = 2.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com