Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 44 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 36Page - Analog Devices ADT7516 Datasheet HTML 37Page - Analog Devices ADT7516 Datasheet HTML 38Page - Analog Devices ADT7516 Datasheet HTML 39Page - Analog Devices ADT7516 Datasheet HTML 40Page - Analog Devices ADT7516 Datasheet HTML 41Page - Analog Devices ADT7516 Datasheet HTML 42Page - Analog Devices ADT7516 Datasheet HTML 43Page - Analog Devices ADT7516 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 44 of 44
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
0.010
0.004
0.012
0.008
0.025
BSC
0.010
0.006
0.050
0.016
8°
0°
COPLANARITY
0.004
0.065
0.049
0.069
0.053
0.154
BSC
0.236
BSC
COMPLIANT TO JEDEC STANDARDS MO-137AB
0.193
BSC
Figure 70. 16-Lead Shrink Small Outline Package [QSOP]
(RQ-16)
Dimensions in Inches
ORDERING GUIDE
Model
Temperature Range
DAC Resolution
Package Description
Minimum
Quantities/Reel
ADT7519ARQ
–40°C to +120°C
8 Bits
16-Lead QSOP
N/A
ADT7519ARQ-REEL
–40°C to +120°C
8 Bits
16-Lead QSOP
2500
ADT7519ARQ-REEL7
–40°C to +120°C
8 Bits
16-Lead QSOP
1000
ADT7519ARQZ1
–40°C to +120°C
8 Bits
16-Lead QSOP
N/A
ADT7519ARQZ1-REEL
–40°C to +120°C
8 Bits
16-Lead QSOP
2500
ADT7519ARQZ1-REEL7
–40°C to +120°C
8 Bits
16-Lead QSOP
1000
ADT7517ARQ
–40°C to +120°C
10 Bits
16-Lead QSOP
N/A
ADT7517ARQ-REEL
–40°C to +120°C
10 Bits
16-Lead QSOP
2500
ADT7517ARQ-REEL7
–40°C to +120°C
10 Bits
16-Lead QSOP
1000
ADT7516ARQ
–40°C to +120°C
12 Bits
16-Lead QSOP
N/A
ADT7516ARQ-REEL
–40°C to +120°C
12 Bits
16-Lead QSOP
2500
ADT7516ARQ-REEL7
–40°C to +120°C
12 Bits
16-Lead QSOP
1000
1 Z = Pb-free part.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C
Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C02883-0-8/04(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com