Electronic Components Datasheet Search
  English  ▼

X  

COP884CG Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CG Datasheet(HTML) 3 Page - National Semiconductor (TI)

  COP884CG Datasheet HTML 1Page - National Semiconductor (TI) COP884CG Datasheet HTML 2Page - National Semiconductor (TI) COP884CG Datasheet HTML 3Page - National Semiconductor (TI) COP884CG Datasheet HTML 4Page - National Semiconductor (TI) COP884CG Datasheet HTML 5Page - National Semiconductor (TI) COP884CG Datasheet HTML 6Page - National Semiconductor (TI) COP884CG Datasheet HTML 7Page - National Semiconductor (TI) COP884CG Datasheet HTML 8Page - National Semiconductor (TI) COP884CG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Connection Diagrams (Continued)
Pinouts for 28- 40- and 44-Pin Packages
Port
Type
Alt Fun
Alt Fun
28-Pin
40-Pin
44-Pin
Pack
Pack
Pack
L0
IO
MIWU
11
17
17
L1
IO
MIWU
CKX
12
18
18
L2
IO
MIWU
TDX
13
19
19
L3
IO
MIWU
RDX
14
20
20
L4
IO
MIWU
T2A
15
21
25
L5
IO
MIWU
T2B
16
22
26
L6
IO
MIWU
T3A
17
23
27
L7
IO
MIWU
T3B
18
24
28
G0
IO
INT
25
35
39
G1
WDOUT
26
36
40
G2
IO
T1B
27
37
41
G3
IO
T1A
28
38
42
G4
IO
SO
1
3
3
G5
IO
SK
2
4
4
G6
I
SI
3
5
5
G7
ICKO
HALT Restart
4
6
6
D0
O
19
25
29
D1
O
20
26
30
D2
O
21
27
31
D3
O
22
28
32
I0
I
7
9
9
I1
I
COMP1INb
810
10
I2
I
COMP1INa
911
11
I3
I
COMP1OUT
10
12
12
I4
I
COMP2INb
13
13
I5
I
COMP2INa
14
14
I6
I
COMP2OUT
15
15
I7
I
16
16
D4
O
29
33
D5
O
30
34
D6
O
31
35
D7
O
32
36
C0
IO
39
43
C1
IO
40
44
C2
IO
1
1
C3
IO
2
2
C4
IO
21
C5
IO
22
C6
IO
23
C7
IO
24
VCC
688
GND
23
33
37
CKI
5
7
7
RESET
24
34
38
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com